Electronic Components Datasheet Search
  English  ▼

X  

LMC7660 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC7660
Description  Switched Capacitor Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7660 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMC7660 Datasheet HTML 1Page - National Semiconductor (TI) LMC7660 Datasheet HTML 2Page - National Semiconductor (TI) LMC7660 Datasheet HTML 3Page - National Semiconductor (TI) LMC7660 Datasheet HTML 4Page - National Semiconductor (TI) LMC7660 Datasheet HTML 5Page - National Semiconductor (TI) LMC7660 Datasheet HTML 6Page - National Semiconductor (TI) LMC7660 Datasheet HTML 7Page - National Semiconductor (TI) LMC7660 Datasheet HTML 8Page - National Semiconductor (TI) LMC7660 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Application Information (Continued)
Typical Applications
Changing Oscillator Frequency
It is possible to dramatically reduce the quiescent operating
current of the LMC7660 by lowering the oscillator frequency.
The oscillator frequency can be lowered from a nominal 10
kHz to several hundred hertz, by adding a slow-down ca-
pacitor C
osc (Figure 3). As shown in the Typical Performance
Curves the supply current can be lowered to the 10 µA
range. This low current drain can be extremely useful when
used in µPower and battery back-up equipment. It must be
understood that the lower operating frequency and supply
current cause an increased impedance of C
r and Cp. The in-
creased impedance, due to a lower switching rate, can be
offset by raising C
r and Cp until ripple and load current re-
quirements are met.
Synchronizing to an External Clock
Figure 4 shows an LMC7660 synchronized to an external
clock. The CMOS gate overrides the internal oscillator when
it is necessary to switch faster or reduce power supply inter-
ference. The external clock still passes through the ÷2 circuit
in the 7660, so the pumping frequency will be 1⁄2 the external
clock frequency.
Lowering Output Impedance
Paralleling two or more LMC7660’s lowers output imped-
ance. Each device must have it’s own pumping capacitor C
p,
but the reservoir capacitor C
r is shared as depicted in Figure
5. The composite output resistance is:
DS009136-6
FIGURE 2. Idealized Voltage Converter
DS009136-7
FIGURE 3. Reduce Supply Current by Lowering Oscillator Frequency
DS009136-8
FIGURE 4. Synchronizing to an External Clock
5
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com