Electronic Components Datasheet Search
  English  ▼

X  

LMC7660 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC7660
Description  Switched Capacitor Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7660 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMC7660 Datasheet HTML 2Page - National Semiconductor (TI) LMC7660 Datasheet HTML 3Page - National Semiconductor (TI) LMC7660 Datasheet HTML 4Page - National Semiconductor (TI) LMC7660 Datasheet HTML 5Page - National Semiconductor (TI) LMC7660 Datasheet HTML 6Page - National Semiconductor (TI) LMC7660 Datasheet HTML 7Page - National Semiconductor (TI) LMC7660 Datasheet HTML 8Page - National Semiconductor (TI) LMC7660 Datasheet HTML 9Page - National Semiconductor (TI) LMC7660 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Typical Applications (Continued)
Increasing Output Voltage
Stacking the LMC7660s is an easy way to produce a greater
negative voltage. It should be noted that the input current re-
quired for each stage is twice the load current on that stage
as shown in
Figure 6. The effective output resistance is ap-
proximately the sum of the individual R
out values, and so
only a few levels of multiplication can be used.
It is possible to generate −15V from +5V by connecting the
second 7660’s pin 8 to +5V instead of ground as shown in
Figure 7. Note that the second 7660 sees a full 20V and the
input supply should not be increased beyond +5V.
Split V
+ In Half
Figure 8 is one of the more interesting applications for the
LMC7660. The circuit can be used as a precision voltage di-
vider (for very light loads), alternately it is used to generate a
1
⁄2 supply point in battery applications. In the 1⁄2 cycle when
S1 and S3 are closed, the supply voltage divides across the
capacitors in a conventional way proportional to their value.
In the 1⁄2 cycle when S2 and S4 are closed, the capacitors
switch from a series connection to a parallel connection. This
forces the capacitors to have the same voltage; the charge
redistributes to maintain precisely V
+/2, across C
p and Cr.In
this application all devices are only V
+/2, and the supply volt-
age can be raised to 20V giving exactly 10V at V
out.
DS009136-9
FIGURE 5. Lowering Output Resistance by Paralleling Devices
DS009136-10
FIGURE 6. Higher Voltage by Cascade
DS009136-11
FIGURE 7. Getting −15V from +5V
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com