Electronic Components Datasheet Search
  English  ▼

X  

LMC7660 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC7660
Description  Switched Capacitor Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7660 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC7660 Datasheet HTML 1Page - National Semiconductor (TI) LMC7660 Datasheet HTML 2Page - National Semiconductor (TI) LMC7660 Datasheet HTML 3Page - National Semiconductor (TI) LMC7660 Datasheet HTML 4Page - National Semiconductor (TI) LMC7660 Datasheet HTML 5Page - National Semiconductor (TI) LMC7660 Datasheet HTML 6Page - National Semiconductor (TI) LMC7660 Datasheet HTML 7Page - National Semiconductor (TI) LMC7660 Datasheet HTML 8Page - National Semiconductor (TI) LMC7660 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LMC7660
Switched Capacitor Voltage Converter
General Description
The LMC7660 is a CMOS voltage converter capable of con-
verting a positive voltage in the range of +1.5V to +10V to
the corresponding negative voltage of −1.5V to −10V. The
LMC7660
is
a
pin-for-pin
replacement
for
the
industry-standard 7660. The converter features: operation
over full temperature and voltage range without need for an
external diode, low quiescent current, and high power effi-
ciency.
The LMC7660 uses its built-in oscillator to switch 4 power
MOS switches and charge two inexpensive electrolytic ca-
pacitors.
Features
n
Operation over full temperature and voltage range
without an external diode
n
Low supply current, 200 µA max
n
Pin-for-pin replacement for the 7660
n
Wide operating range 1.5V to 10V
n
97% Voltage Conversion Efficiency
n
95% Power Conversion Efficiency
n
Easy to use, only 2 external components
n
Extended temperature range
n
Narrow SO-8 Package
Block Diagram
Pin Configuration
Ordering Information
Package
Temperature Range
NSC
Drawing
Industrial
−40˚C to +85˚C
8-Lead Molded DIP
LMC7660IN
N08E
8-Lead Molded Small Outline
LMC7660IM
M08A
DS009136-1
DS009136-2
April 1997
© 1997 National Semiconductor Corporation
DS009136
www.national.com


Similar Part No. - LMC7660

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC7660 TI2-LMC7660 Datasheet
782Kb / 22P
LMC7660 Switched Capacitor Voltage Converter
REVISED APRIL 2013
LMC7660IM TI1-LMC7660IM Datasheet
1Mb / 19P
LMC7660 Switched Capacitor Voltage Converter
LMC7660IM/NOPB TI1-LMC7660IM/NOPB Datasheet
1Mb / 19P
LMC7660 Switched Capacitor Voltage Converter
LMC7660IM/NOPB TI2-LMC7660IM/NOPB Datasheet
782Kb / 22P
LMC7660 Switched Capacitor Voltage Converter
REVISED APRIL 2013
LMC7660IM/NOPB.A TI2-LMC7660IM/NOPB.A Datasheet
782Kb / 22P
LMC7660 Switched Capacitor Voltage Converter
REVISED APRIL 2013
More results

Similar Description - LMC7660

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
Switched Capacitor Voltage Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
Switched Capacitor Voltage Converter
LM2660 TI1-LM2660 Datasheet
1Mb / 27P
Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com