Electronic Components Datasheet Search
  English  ▼

X  

196HVC Datasheet(PDF) 10 Page - Vishay Siliconix

Part # 196HVC
Description  Hybrid Energy Storage Capacitors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

196HVC Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button 196HVC Datasheet HTML 6Page - Vishay Siliconix 196HVC Datasheet HTML 7Page - Vishay Siliconix 196HVC Datasheet HTML 8Page - Vishay Siliconix 196HVC Datasheet HTML 9Page - Vishay Siliconix 196HVC Datasheet HTML 10Page - Vishay Siliconix 196HVC Datasheet HTML 11Page - Vishay Siliconix 196HVC Datasheet HTML 12Page - Vishay Siliconix 196HVC Datasheet HTML 13Page - Vishay Siliconix 196HVC Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
196 HVC ENYCAP™
www.vishay.com
Vishay BCcomponents
Revision: 13-Jan-17
10
Document Number: 28409
For technical questions, contact: hybridstorage@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 19 - Typical Leakage Current at 20 °C as a Function of Time
Table 5
DISCHARGE CHARACTERISTICS
Backup time of 196 HVC series capacitors depends on minimum memory holding voltage and discharge current (corresponding
with the current consumption of the load).
For minimum backup times of standard and vertical miniaturized series see Fig. 20 to Fig. 23 (charging time
 24 h and CC-CV
charging according to table 3).
Fig. 20 - Typical Backup Time as a Function of Discharge Current
Fig. 21 - Typical Backup Time as a Function of Discharge Current
VOLTAGE TO BE USED FOR SERIES CONNECTION
N CELLS IN SERIES
UR (V)
U1 (V)
U2 (V)
1
1.4
1.3
0.7
2
2.8
2.7
1.9
3
4.2
4.0
3.1
4
5.6
5.4
4.4
5
7.0
6.7
5.6
6
8.4
8.1
6.9
1
10
100
1000
10 000
100 000
0
1020304050607080
I
L
(μA)
Time (h)
3
2
1
4
Curve 1: 90 F (1.4 V to 8.4 V)
Curve 2: 45 F (2.8 V to 5.6 V)
Curve 3: 15 F (1.4 V to 8.4 V)
Curve 4: 4 F (1.4 V to 8.4 V)
1
10
100
1000
10 000
100 000
0.1
1
10
100
Backup
time
(s)
Discharge current (mA)
C = 4 F (1.4 V to 8.4 V)
10
10
2
0.1
1
10
Backup
time
(s)
Discharge current (mA)
1
10
3
10
4
10
5
10
6
100
C = 15 F (1.4 V to 8.4 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com