Electronic Components Datasheet Search
  English  ▼

X  

196HVC Datasheet(PDF) 12 Page - Vishay Siliconix

Part # 196HVC
Description  Hybrid Energy Storage Capacitors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

196HVC Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button 196HVC Datasheet HTML 7Page - Vishay Siliconix 196HVC Datasheet HTML 8Page - Vishay Siliconix 196HVC Datasheet HTML 9Page - Vishay Siliconix 196HVC Datasheet HTML 10Page - Vishay Siliconix 196HVC Datasheet HTML 11Page - Vishay Siliconix 196HVC Datasheet HTML 12Page - Vishay Siliconix 196HVC Datasheet HTML 13Page - Vishay Siliconix 196HVC Datasheet HTML 14Page - Vishay Siliconix 196HVC Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
196 HVC ENYCAP™
www.vishay.com
Vishay BCcomponents
Revision: 13-Jan-17
12
Document Number: 28409
For technical questions, contact: hybridstorage@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 28 - Constant Current (CC) with V-Limit Charging Method at RT
Typical Charge / Discharge Characteristics at RT: 45 F / 5.6 V
Fig. 29 - Constant Current (CC)-Constant Voltage (CV)
Charging Method at RT
Typical Charge / Discharge Characteristics at RT: 45 F / 5.6 V
Fig. 30 - Constant Current (CC) with V-Limit Charging Method at RT
Typical Charge / Discharge Characteristics at RT: 90 F / 5.6 V
Fig. 31 - Constant Current (CC)-Constant Voltage (CV)
Charging Method at RT
Typical Charge / Discharge Characteristics at RT: 90 F / 5.6 V
Note
• Charge and discharge cycles at room temperature (RT) - maximal 50 000 cycles at room temperature allowed!
Notes
• Capacitor is polarized, product will be damaged if reverse charged.
• Voltages higher than specified need to be avoided; otherwise reduction of life time, internal gas generation or damage of HVC hybrid
capacitor will occur.
• For other operating temperatures, a temperature derating factor has to be considered for correct charging voltage.
• Surge voltage is only allowed a few seconds per day, but not as a charging process.
(1) n... number of cells
DERATING
Working voltage at temperatures above 60 °C should be below rated voltage UR. A derating-factor of -1.5 mV/°C per cell is
recommended.
0
1
2
3
4
5
6
-250
-200
-150
-100
-50
0
50
100
150
200
0
2
4
6
8
10
12
14
16
18
25
t (min)
Charge cc 30 mA / 5.6 V and discharge 200 mA / 3.2 V
Voltage
Current
0
1
2
3
4
5
6
-250
-200
-150
-100
-50
0
50
100
150
200
0
102030405060
t (min)
Charge cccv 30 mA / 5.6 V + 30 min and discharge 200 mA / 3.2 V
Voltage
Current
0
1
2
3
4
5
6
-1500
-1000
-500
0
500
1000
1500
0
2
4
6
8
10
12
14
16
18
20
t (min)
Charge cc 300 mA / 5.6 V and discharge 1 A / 3.2 V
Voltage
Current
0
1
2
3
4
5
6
-1500
-1000
-500
0
500
1000
1500
0
1020354050
60
t (min)
Charge cccv 300 mA / 5.6 V + 30 min and discharge 1 A / 3.2 V
Voltage
Current
CHARGING VOLTAGE AT DIFFERENT TEMPERATURES
OPERATING TEMPERATURE RANGE
0 °C UP TO +45 °C
+45 °C UP TO +60 °C
+60 °C UP TO +70 °C / +85 °C
Charge voltage
1 cell
UR + 0.03 V
UR
UR - n (1) x 0.0015 x (T[°C] - 45)
2 cells
UR + 0.06 V
3 cells
UR + 0.09 V
> 4 cells
UR + 0.10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com