Electronic Components Datasheet Search
  English  ▼

X  

MCS0402VG01 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MCS0402VG01
Description  Thin Film Chip Resistors with Established Reliability
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCS0402VG01 Datasheet(HTML) 6 Page - Vishay Siliconix

  MCS0402VG01 Datasheet HTML 1Page - Vishay Siliconix MCS0402VG01 Datasheet HTML 2Page - Vishay Siliconix MCS0402VG01 Datasheet HTML 3Page - Vishay Siliconix MCS0402VG01 Datasheet HTML 4Page - Vishay Siliconix MCS0402VG01 Datasheet HTML 5Page - Vishay Siliconix MCS0402VG01 Datasheet HTML 6Page - Vishay Siliconix MCS0402VG01 Datasheet HTML 7Page - Vishay Siliconix MCS0402VG01 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions, contact: specialresistors@vishay.com
Document Number: 28744
366
Revision: 11-Jun-12
MCS 0402 VG01, MCT 0603 VG01, MCU 0805 VG01, MCA 1206 VG01
Vishay Beyschlag
Thin Film Chip Resistors with Established Reliability
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
100
- 50
150
0
0.1
050
Ambient Temperature
amb
ϑ
0.2
0.3
70
MCA 1206 VG01
MCU 0805 VG01
MCT 0603 VG01
MCS 0402 VG01
125
Derating
°C
100
0.01
0.1
1K
10K
1
100K
MCA 1206 VG01
MCU 0805 VG01
MCT 0603 VG01
MCS 0402 VG01
Resistance Value
R
1M
µV/V
In accordance with IEC 60195
Current Noise -
1
A
Ω
10
100
1K
120
10K
Resistance Value
R
1M
dB
In accordance with IEC/TR 60440
Ω
100
80
60
40
100K
Non-Linearity -
3
A
MCA 1206 VG01
MCU 0805 VG01
MCT 0603 VG01
MCS 0402 VG01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com