Electronic Components Datasheet Search
  English  ▼

X  

MCS0402VG01 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MCS0402VG01
Description  Thin Film Chip Resistors with Established Reliability
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCS0402VG01 Datasheet(HTML) 4 Page - Vishay Siliconix

  MCS0402VG01 Datasheet HTML 1Page - Vishay Siliconix MCS0402VG01 Datasheet HTML 2Page - Vishay Siliconix MCS0402VG01 Datasheet HTML 3Page - Vishay Siliconix MCS0402VG01 Datasheet HTML 4Page - Vishay Siliconix MCS0402VG01 Datasheet HTML 5Page - Vishay Siliconix MCS0402VG01 Datasheet HTML 6Page - Vishay Siliconix MCS0402VG01 Datasheet HTML 7Page - Vishay Siliconix MCS0402VG01 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions, contact: specialresistors@vishay.com
Document Number: 28744
364
Revision: 11-Jun-12
MCS 0402 VG01, MCT 0603 VG01, MCU 0805 VG01, MCA 1206 VG01
Vishay Beyschlag
Thin Film Chip Resistors with Established Reliability
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS
Note
• Resistors MCA 1206 VG01 and MCU 0805 VG01 are marked using to the four-character code system of IEC 60062, 4.2.3.
Resistors MCT 0603 VG01 and MCS 0402 VG01 do not show any marking on their light blue protective coating.
Note
• The given solder pad dimensions reflect the considerations for board design and assembly as outlined e.g. in standards IEC 61188-5-x, or in
publication IPC 7351. They do not guarantee any supposed thermal properties, however, they will be found adequate for most general
applications.
DIMENSIONS AND MASS
TYPE
H
(mm)
L
(mm)
W
(mm)
WT
(mm)
Tb
(mm)
Tt
(mm)
MASS
(mg)
MCS 0402 VG01
0.32 ± 0.05
1.0 ± 0.05
0.5 ± 0.05
> 75 % of W
0.2 ± 0.1
0.2 + 0.1/- 0.15
0.6
MCT 0603 VG01
0.45 + 0.1/- 0.05
1.55 ± 0.05
0.85 ± 0.1
0.3 + 0.15/- 0.2
1.9
MCU 0805 VG01
0.45 + 0.1/- 0.05
2.0 ± 0.1
1.25 ± 0.15
0.4 + 0.1/- 0.2
4.6
MCA 1206 VG01
0.55 ± 0.1
3.2 + 0.1/- 0.2
1.6 ± 0.15
0.5 ± 0.25
9.2
RECOMMENDED SOLDER PAD DIMENSIONS
TYPE
WAVE SOLDERING
REFLOW SOLDERING
G
(mm)
Y
(mm)
X
(mm)
Z
(mm)
G
(mm)
Y
(mm)
X
(mm)
Z
(mm)
MCS 0402 VG01
-
-
-
-
0.35
0.55
0.55
1.45
MCT 0603 VG01
0.55
1.10
1.10
2.75
0.65
0.70
0.95
2.05
MCU 0805 VG01
0.80
1.25
1.50
3.30
0.90
0.90
1.40
2.70
MCA 1206 VG01
1.40
1.50
1.90
4.40
1.50
1.15
1.75
3.80
T
t
L
W
T
b
H
W
T
G
X
Y
Z



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com