Electronic Components Datasheet Search
  English  ▼

X  

MCS0402VG01 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MCS0402VG01
Description  Thin Film Chip Resistors with Established Reliability
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCS0402VG01 Datasheet(HTML) 3 Page - Vishay Siliconix

  MCS0402VG01 Datasheet HTML 1Page - Vishay Siliconix MCS0402VG01 Datasheet HTML 2Page - Vishay Siliconix MCS0402VG01 Datasheet HTML 3Page - Vishay Siliconix MCS0402VG01 Datasheet HTML 4Page - Vishay Siliconix MCS0402VG01 Datasheet HTML 5Page - Vishay Siliconix MCS0402VG01 Datasheet HTML 6Page - Vishay Siliconix MCS0402VG01 Datasheet HTML 7Page - Vishay Siliconix MCS0402VG01 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 28744
For technical questions, contact: specialresistors@vishay.com
www.vishay.com
Revision: 11-Jun-12
363
MCS 0402 VG01, MCT 0603 VG01, MCU 0805 VG01, MCA 1206 VG01
Thin Film Chip Resistors with Established Reliability
Vishay Beyschlag
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The ordering information according to EN 140401-801:2007 shown above succeeds and replaces the ordering information according to earlier
versions of the detail specification EN 140401-801 or its predecessor CECC 40401-801, for example:
CECC 40401-801 EZ RR1608M C 287K F E6
CECC 40401-801 S RR1608M C 287K F E6
with
EZ; S
Assessment level, where EZ is successor to and superior replacement for S
RR1608M
Style, with suffix M for “metric”
C
Temperature coefficient, according to the detail specification
C = ± 50 ppm/K; E = ± 15 ppm/K
Note
• According to EN 140401-801, resistance values are to be selected from the E96 series for ± 1 % tolerance and from the E192 series for
± 0.1 % tolerance.
EN 140401-801 ORDERING INFORMATION
Example of the ordering information for a resistor: MCT 0603-50 1 % VG01 287K
EN140401-801EZRR1608MR287KFE6
Example of the ordering information for a zero ohm jumper: MCT 0603 VG01 0R0
EN140401-801EZRR1608M-0R00-E6
The elements used in the component number have the following meaning:
EN140401-801
EZ
RR1608M
R
287K
F
E6
EN detail specification number
Assessment level for the zero-defect approach
Style (size)
Temperature coefficient, according to EN 60062
R = ± 50 ppm/K; P = ± 15 ppm/K
Resistance, according to EN 60062, 4 characters
Tolerance on rated resistance, according to EN 60062
F = ± 1 %; B = ± 0.1 %
Failure rate level according to EN 60115-1, annex ZR
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
DESCRIPTION
RESISTANCE
TCR
TOLERANCE
MCS 0402 VG01
MCT 0603 VG01
MCU 0805 VG01
MCA 1206 VG01
± 50 ppm/K
± 1 %
10
 to 1 M
1
 to 1 M
1
 to 1 M
1
 to 1 M
± 15 ppm/K
± 0.1 %
100
 to 33.2 k
100
 to 47.5 k
100
 to 100 k
43.2
 to 332 k
Jumper
20 m I
max. = 0.63 A
20 m I
max. = 1 A
20 m I
max. = 1.5 A
20 m I
max. = 2 A
PACKAGING
TYPE
CODE
QUANTITY
CARRIER TAPE
WIDTH
PITCH
REEL DIAMETER
MCS 0402 VG01
E1
1000
Paper tape
acc. IEC 60286-3
Type I
8 mm
2 mm
180 mm/7"
E0
10 000
MCT 0603 VG01
P1
1000
8 mm
4 mm
P5
5000
MCU 0805 VG01
P1
1000
P5
5000
MCA 1206 VG01
P1
1000
P5
5000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com