Electronic Components Datasheet Search
  English  ▼

X  

COM20020 Datasheet(PDF) 16 Page - SMSC Corporation

Part # COM20020
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20020 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button COM20020 Datasheet HTML 12Page - SMSC Corporation COM20020 Datasheet HTML 13Page - SMSC Corporation COM20020 Datasheet HTML 14Page - SMSC Corporation COM20020 Datasheet HTML 15Page - SMSC Corporation COM20020 Datasheet HTML 16Page - SMSC Corporation COM20020 Datasheet HTML 17Page - SMSC Corporation COM20020 Datasheet HTML 18Page - SMSC Corporation COM20020 Datasheet HTML 19Page - SMSC Corporation COM20020 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
16
High Speed CPU Bus Timing Support
High speed CPU bus support was added to the
COM20020.
The reasoning behind this is as
follows:
With
the
Host
interface
in
Non-
multiplexed Bus mode, I/O address and Chip
Select signals must be stable before the read
signal is active and remain after the read signal
is inactive. But the High Speed CPU bus timing
doesn't adhere to these timings. For example, a
RISC type single chip microcontroller (like the
HITACHI SuperH series) changes I/O address at
the same time as the read signal. Therefore,
several external logic ICs would be required to
connect to this microcontroller.
In addition, the Diagnostic Status (DIAG) register
is cleared automatically by reading itself. The
internal DIAG register read signal is generated
by decoding the Address (A2-A0), Chip Select
(nCS) and Read (nRD) signals. The decoder will
generate a noise spike at the above tight timing.
The DIAG register is cleared by the spike signal
without
reading
itself.
This
is
unexpected
operation. Reading the internal RAM and Next
Id Register have the same mechanism as
reading the DIAG register.
Therefore,
the
address
decode
and
host
interface mode blocks were modified to fit the
above CPU interface to support high speed CPU
bus timing.
In Intel CPU mode (nRD, nWR
mode), 3 bit I/O address (A2-A0) and Chip Select
(nCS) are sampled internally by Flip-Flops on the
falling edge of the internal delayed nRD signal.
The internal real read signal is the more delayed
nRD signal. But the rising edge of nRD doesn't
delay. By this modification, the internal real
address and Chip Select are stable while the
internal real read signal is active. Refer to figure
4 below.
FIGURE 4 - HIGH SPEED CPU BUS TIMING - INTEL CPU MODE
The I/O address and Chip Select signals, which
are supplied to the data output logic, are not
sampled. Also, the nRD signal is not delayed,
because the above sampling and delaying paths
decrease the data access time of the read cycle.
The above sampling and delaying signals are
supplied to the Read Pulse Generation logic
which generates the clearing pulse for the
Diagnostic register and generates the starting
pulse of the RAM Arbitration. Typical delay time
between nRD and nRD1 is around 15nS and
between nRD1 and nRD2 is around 10nS.
Longer pulse widths are needed due to these
delays on nRD signal. However, the CPU can
insert some wait cycles to extend the width
without any impact on performance.
A2-A0, nCS
nRD
Delayed nRD
(nRD1)
Sampled A2-A0, nCS
More delayed nRD
(nRD2)
VALID
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com