Electronic Components Datasheet Search
  English  ▼

X  

COM20020 Datasheet(PDF) 23 Page - SMSC Corporation

Part # COM20020
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20020 Datasheet(HTML) 23 Page - SMSC Corporation

Back Button COM20020 Datasheet HTML 19Page - SMSC Corporation COM20020 Datasheet HTML 20Page - SMSC Corporation COM20020 Datasheet HTML 21Page - SMSC Corporation COM20020 Datasheet HTML 22Page - SMSC Corporation COM20020 Datasheet HTML 23Page - SMSC Corporation COM20020 Datasheet HTML 24Page - SMSC Corporation COM20020 Datasheet HTML 25Page - SMSC Corporation COM20020 Datasheet HTML 26Page - SMSC Corporation COM20020 Datasheet HTML 27Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
23
Table 1 - Typical Media
CABLE TYPE
NOMINAL
IMPEDANCE
ATTENUATION PER 1000 FT.
AT 5 MHz
RG-62 Belden #86262
93
!
5.5dB
RG-59/U Belden #89108
75
!
7.0dB
RG-11/U Belden #89108
75
!
5.5dB
IBM Type 1* Belden #89688
150
!
7.0dB
IBM Type 3* Telephone Twisted
Pair Belden #1155A
100
!
17.9dB
COMCODE 26 AWG Twisted
Pair Part #105-064-703
105
!
16.0dB
*Non-plenum-rated cables of this type are also available.
Note: For more detailed information on Cabling options including RS-485, transformer-coupled RS-485
and Fiber Optic interfaces, please refer to TN7-5 – Cabling Guidelines for the COM20020 ULANC,
available from Standard Microsystems Corporation.
FUNCTIONAL DESCRIPTION
MICROSEQUENCER
The
COM20020
contains
an
internal
microsequencer which performs all of the control
operations necessary to carry out the ARCNET
protocol. It consists of a clock generator, a 544 x
8 ROM, a program counter, two instruction
registers,
an
instruction
decoder,
a
no-op
generator, jump logic, and reconfiguration logic.
The COM20020 derives a 10 MHz and a 5 MHz
clock from the output clock of the Clock Multiplier.
These clocks provide the rate at which the
instructions are executed within the COM20020.
The 10 MHz clock is the rate at which the program
counter operates, while the 5 MHz clock is the rate
at which the instructions
are executed.
The
microprogram
is stored in the ROM and the instructions are
fetched and then placed into the instruction
registers. One register holds the opcode, while
the other holds the immediate data.
Once the
instruction is fetched, it is decoded by the internal
instruction decoder, at which point the COM20020
proceeds to execute the instruction. When a no-
op instruction is encountered, the microsequencer
enters a timed loop and the program counter is
temporarily stopped until the loop is complete.
When a jump instruction is encountered, the
program counter is loaded with the jump address
from the ROM.
The COM20020 contains an
internal reconfiguration timer which interrupts the
microsequencer if it has timed out. At this point
the
program
counter
is
cleared
and
the
MYRECON bit of the Diagnostic Status Register is
set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com