Electronic Components Datasheet Search
  English  ▼

X  

COM20020 Datasheet(PDF) 20 Page - SMSC Corporation

Part # COM20020
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20020 Datasheet(HTML) 20 Page - SMSC Corporation

Back Button COM20020 Datasheet HTML 16Page - SMSC Corporation COM20020 Datasheet HTML 17Page - SMSC Corporation COM20020 Datasheet HTML 18Page - SMSC Corporation COM20020 Datasheet HTML 19Page - SMSC Corporation COM20020 Datasheet HTML 20Page - SMSC Corporation COM20020 Datasheet HTML 21Page - SMSC Corporation COM20020 Datasheet HTML 22Page - SMSC Corporation COM20020 Datasheet HTML 23Page - SMSC Corporation COM20020 Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 72 page
background image
20
FIGURE 6 - DIPULSE WAVEFORM FOR DATA OF 1-1-0
In typical applications, the serial backplane is
terminated at both ends and a bias is provided by
the external pull-up resistor.
The RXIN signal is directly connected to the cable
via an internal Schmitt trigger. A negative pulse
on this input indicates a logic "1". Lack of pulse
indicates a logic "0".
For typical single-ended
backplane applications, RXIN is connected to
nPULSE1 to make the serial backplane data line.
A ground line (from the coax or twisted pair)
should run in parallel with the signal.
For
applications requiring different treatment of the
receive
signal
(like
filtering
or
squelching),
nPULSE1 and RXIN remain as independent pins.
External differential drivers/receivers for increased
range and common mode noise rejection, for
example,
would
require
the
signals
to
be
independent of one another.
When the device is in Backplane Mode, the clock
provided by the nPULSE2 signal may be used for
encoding the data into a different encoding
scheme or other synchronous operations needed
on the serial data stream.
Differential Driver Configuration
The Differential Driver Configuration is a special
case of the Backplane Mode. It is a dc coupled
configuration recommended for applications like
car-area
networks
or
other
cost-sensitive
applications
which
do
not
require
direct
compatibility with existing ARCNET nodes and do
not require isolation.
20MHZ
CLOCK
(FOR REF.
ONLY)
nPULSE1
nPULSE2
DIPULSE
RXIN
10
100ns
100ns
200ns
400ns
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com