Electronic Components Datasheet Search
  English  ▼

X  

CR16MCS5 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CR16MCS5
Description  Family of 16-bit CAN-enabled CompactRISC Microcontrollers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CR16MCS5 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button CR16MCS5 Datasheet HTML 35Page - National Semiconductor (TI) CR16MCS5 Datasheet HTML 36Page - National Semiconductor (TI) CR16MCS5 Datasheet HTML 37Page - National Semiconductor (TI) CR16MCS5 Datasheet HTML 38Page - National Semiconductor (TI) CR16MCS5 Datasheet HTML 39Page - National Semiconductor (TI) CR16MCS5 Datasheet HTML 40Page - National Semiconductor (TI) CR16MCS5 Datasheet HTML 41Page - National Semiconductor (TI) CR16MCS5 Datasheet HTML 42Page - National Semiconductor (TI) CR16MCS5 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 156 page
background image
39
www.national.com
12.0 Dual Clock and Reset
The Dual Clock and Reset module (CLK2RES) generates a
high-speed main system clock from an external crystal net-
work and a slow clock (32.768 kHz or other rate) for operat-
ing the device in Power Save mode. It also provides the main
system reset signal, a power-on reset function, a main clock
prescaler to generate two additional low speed clocks, and
an 32kHz oscillator start-up delay.
Figure7 is block diagram of the Dual Clock and Reset mod-
ule.
12.1
EXTERNAL CRYSTAL NETWORK
An external crystal network is required at pins X1CKI and
X1CKO for the main clock. A similar external crystal network
may be used at pins X2CKI and X2CKO for the slow clock in
packages that have these pins. If an external crystal network
is not used for the slow clock, the clock is generated by divid-
ing the fast main clock.
The crystal oscillator you choose may require external com-
ponents different from the ones specified above. In that case,
consult with National’s engineer for the component specifica-
tions
The crystals and other oscillator components should be
placed close to the X1CKI/X1CLO and X2CKI/X2CLO device
input pins to keep the printed trace lengths to an absolute
minimum.
Figure8 shows the required crystal network at X1CKI/
X1CKO and optional crystal network at X2CKI/X2CKO.
Table13 shows the component specifications for the main
crystal network and Table14 shows the component specifi-
cations for the 32.768 kHz crystal network.
Figure 7.
Dual Clock and Reset Module Block Diagram
8-Bit
14-Bit Timer
6-Bit Timer
Start-Up-Delay
Start-Up-Delay
Preset
Preset
Power-On-Reset
System
Reset
Stop
Main Osc In
Reset
X1CKI
X1CKO
X2CKI
X2CKO
Main Osc.
32kHz Osc.
Stop Main Osc.
Stop 32kHz Osc.
Main Clk
Good Main
Clk
Low Speed
Clk
Good Low
Speed Clk
Stop Low
Speed Clk
Time-out
Time-out
Prescaler
Div.
by-2
4-Bit
Prescaler
2 Low
Speed Clk
4-Bit
Prescaler
Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com