Electronic Components Datasheet Search
  English  ▼

X  

CR16MCS5 Datasheet(PDF) 72 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CR16MCS5
Description  Family of 16-bit CAN-enabled CompactRISC Microcontrollers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CR16MCS5 Datasheet(HTML) 72 Page - National Semiconductor (TI)

Back Button CR16MCS5 Datasheet HTML 68Page - National Semiconductor (TI) CR16MCS5 Datasheet HTML 69Page - National Semiconductor (TI) CR16MCS5 Datasheet HTML 70Page - National Semiconductor (TI) CR16MCS5 Datasheet HTML 71Page - National Semiconductor (TI) CR16MCS5 Datasheet HTML 72Page - National Semiconductor (TI) CR16MCS5 Datasheet HTML 73Page - National Semiconductor (TI) CR16MCS5 Datasheet HTML 74Page - National Semiconductor (TI) CR16MCS5 Datasheet HTML 75Page - National Semiconductor (TI) CR16MCS5 Datasheet HTML 76Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 156 page
background image
www.national.com
72
flag is automatically reset when software reads the character
from the UnRBUF register. The RSFT register is not user ac-
cessible.
18.2.2
Synchronous Mode
The synchronous mode of the USART enables the device to
communicate with other devices using three communication
signals: transmit, receive, and clock. In this mode, data bits
are transferred synchronously with the USART clock signal.
Data bits are transmitted on the rising edges and received on
the falling edges of the clock signal, as shown in Figure34.
Data bytes are transmitted and received least significant bit
(LSB) first.
In the synchronous mode, the transmit shift register (TSFT)
and the transmit buffer (UnTBUF) double-buffer the data for
transmission. To transmit a character, a data byte is loaded
in the UnTBUF register. The data is then transferred to the
TSFT register. The TSFT register shifts out one bit of the cur-
rent character, LSB first, on each rising edge of the clock.
Figure 32.
USART Block Diagram
Sys_clk
Baud clock
Baud Clock
TDXn
RDXn
Transmitter
Receiver
Baud Rate Generator
Control and
Error Detection
Parity
Generator/Checker
CKXn
Figure 33.
USART Asynchronous Communication
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
16
Sample
Sample
STARTBIT
DATA (LSB)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
16
Sample
DATABIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com