Electronic Components Datasheet Search
  English  ▼

X  

LMD18400 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMD18400
Description  Quad High Side Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMD18400 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMD18400 Datasheet HTML 4Page - National Semiconductor (TI) LMD18400 Datasheet HTML 5Page - National Semiconductor (TI) LMD18400 Datasheet HTML 6Page - National Semiconductor (TI) LMD18400 Datasheet HTML 7Page - National Semiconductor (TI) LMD18400 Datasheet HTML 8Page - National Semiconductor (TI) LMD18400 Datasheet HTML 9Page - National Semiconductor (TI) LMD18400 Datasheet HTML 10Page - National Semiconductor (TI) LMD18400 Datasheet HTML 11Page - National Semiconductor (TI) LMD18400 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Applications Information (Continued)
PROTECTION CIRCUITRY
The LMD18400 has extensive protection circuitry built in
With any power device protection against excessive volt-
age current and temperature conditions is essential To
achieve a ‘‘fail-safe’’ system implementation the loads are
deactivated automatically by the LMD18400 in the event of
any detected overvoltage or over-temperature fault condi-
tions
Voltage Protection
The VCC supply can range from b05V to a60 VDC without
any damage to the LMD18400 The CMOS logic circuitry is
biased from an internal 51V regulator which protects these
lower voltage transistors from the higher VCC potentials In
order to protect the loads connected to the switch outputs
however an overvoltage shutdown circuit is employed
Should the VCC potential exceed 35V all of the switches are
turned OFF thereby disconnecting the loads This 35V
threshold has 750 mV of hysteresis to prevent potential os-
cillations
Additionally there is an undervoltage lockout feature built
in With VCC less than 5V it becomes uncertain whether the
logic circuitry can hold the switches in their commanded
state To avoid this uncertainty all of the switches are
turned OFF when VCC drops below approximately 5V
Figure 3 illustrates the shutoff of an output during a 0V to
80V VCC supply transient
OverUnder
Voltage Shutdown
TLH11026 – 12
FIGURE 3 OvervoltageUndervoltage Shutdown
The LMD18400 has been designed to drive all types of
loads When driving a ground referenced inductive load
such as a relay or solenoid the voltage across the load will
reverse in polarity as the field in the inductor collapses when
the power switch is turned OFF This will pull the output pin
of the LMD18400 below ground This negative transient
voltage is clamped at approximately b5V to protect the IC
This clamping action is not done with diodes but rather the
power DMOS switch turning back on momentarily to con-
duct the inductor current as it de-energizes as shown in
Figure 4
TLH11026 – 13
FIGURE 4 Turn-OFF Conditions with an Inductive Load
When the output inductance produces a negative voltage
the gate of the DMOS transistor is clamped at 0V At
b
35V the source of the power device is less than the gate
by enough to cause the switch to turn ON again During this
negative transient condition the power limiting circuitry to
protect the switch is disabled due to the gate being held at
0V The maximum current during this clamping interval
which is equal to the steady state ON current through the
inductor should be kept less than 1A Another concern dur-
ing this interval has to do with the size of an inductive load
and the amount of time required to de-energize it With larg-
er inductors it may be possible for the additional power dis-
sipation to cause the die temperaure to exceed the thermal
shutdown limit If this occurs all of the other switches will
turn OFF momentarily (see section on Thermal Manage-
ment)
Power Limiting
The LMD18400 utilizes a true instantaneous power limit cir-
cuit rather than simple current limiting to protect each
switch This provides a higher transient current capability
while still maintaining a safe power dissipation level The
power dissipation in each switch (the product of the Drain-to
Source voltage and the output current Vds c IOUT) is con-
http
www nationalcom
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com