Electronic Components Datasheet Search
  English  ▼

X  

LMD18400 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMD18400
Description  Quad High Side Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMD18400 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMD18400 Datasheet HTML 1Page - National Semiconductor (TI) LMD18400 Datasheet HTML 2Page - National Semiconductor (TI) LMD18400 Datasheet HTML 3Page - National Semiconductor (TI) LMD18400 Datasheet HTML 4Page - National Semiconductor (TI) LMD18400 Datasheet HTML 5Page - National Semiconductor (TI) LMD18400 Datasheet HTML 6Page - National Semiconductor (TI) LMD18400 Datasheet HTML 7Page - National Semiconductor (TI) LMD18400 Datasheet HTML 8Page - National Semiconductor (TI) LMD18400 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Survival Voltage (Pin 20)
Transient (t e 10 ms)
80V
Continuous
b
05V to a60V
Output Transient Current (Each Switch)
375A
Output Transient Current (Total All Switches)
6A
Output Steady State Current (Each Switch)
1A
Logic Input Voltage (Pins 3 9 10 11 12)
b
03V to a16V
Logic Input Voltage (Pins 4 7)
b
03V to a6V
Error Flag Voltage
16V
ESD Susceptibility (Note 2)
2000V
Power Dissipation (Note 3)
5W
Internally Limited
Junction Temperature (TJMax)
150 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 Sec)
a
260 C
Operating Ratings (Note 1)
Ambient Temperature Range (TA)
b
25 Cto a85 C
Supply Voltage Range
7V to 28V
Electrical Characteristics VCC e 12V CCP e 001 mFd unless otherwise indicated Boldface limits apply
over the entire operating temperature range b25 C s TA s a85 C all other limits are for TA e TJ ea25 C
Parameter
Conditions
Typical
Limit
Units
(Note 4)
(Note 5)
(Limit)
DC CHARACTERISTICS
Supply Current
Enable Input e 0V
004
10
m
A (Max)
Enable Input e 5V Inputs e 0V
75
15
mA (Max)
Enable Input e 5V Inputs e 5V
Open Loads
75
15
mA (Max)
Output Leakage
Enable Input e 0V Inputs e 0V
001
300
m
A (Max)
(Pins 1 2 18 19)
Rds ON
IOUT e 1A (Note 6)
08
13
X
(Max)
Short Circuit Current
VCC e 12V (Note 6)
12
06
A (Min)
VCC e 7V (Note 6)
24
A
VCC e 28V (Note 6)
06
A
Maximum Output Current
VCC b VO e 4V (Note 6)
375
A
Load Error Threshold Voltage
Pins 1 2 18 19
41
V
Open Load Detection Current
Pins 1 2 18 19
150
m
A
Negative Clamp Output Voltage
IO e 1A (Note 6)
b
5V
Overvoltage Shutdown Threshold
31
40
V (Max)
Overvoltage Shutdown Hysteresis
075
V
Error Output Leakage Current
VPin 13 e 12V
0001
10
m
A (Max)
Thermal Warning Temperature
VPin 13 k 08V
145
C
Thermal Shutdown Temperature
VPin 17 k 08V
170
C
http
www nationalcom
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com