Electronic Components Datasheet Search
  English  ▼

X  

VCNL4040 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # VCNL4040
Description  Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4040 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button VCNL4040 Datasheet HTML 7Page - Vishay Siliconix VCNL4040 Datasheet HTML 8Page - Vishay Siliconix VCNL4040 Datasheet HTML 9Page - Vishay Siliconix VCNL4040 Datasheet HTML 10Page - Vishay Siliconix VCNL4040 Datasheet HTML 11Page - Vishay Siliconix VCNL4040 Datasheet HTML 12Page - Vishay Siliconix VCNL4040 Datasheet HTML 13Page - Vishay Siliconix VCNL4040 Datasheet HTML 14Page - Vishay Siliconix VCNL4040 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
VCNL4040
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 02-Mar-15
11
Document Number: 84274
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TABLE 9 - REGISTER: PS_MS DESCRIPTION
REGISTER: PS_MS
COMMAND CODE: 0x04_H (0x04 DATA BYTE HIGH)
Command
Bit
Description
White_EN
7
0 = white channel enabled
1 = white channel disabled
PS_MS
6
0 = proximity normal operation with interrupt function
1 = proximity detection logic output mode enable
Reserved
5 : 3
( 0 : 0 : 0 )
LED_I
2 : 0
(0 : 0 : 0) = 50 mA; (0 : 0 : 1) = 75 mA; (0 : 1 : 0) = 100 mA; (0 : 1 : 1) = 120 mA
(1 : 0 : 0) = 140 mA; (1 : 0 : 1) = 160 mA; (1 : 1 : 0) = 180 mA; (1 : 1 : 1) = 200 mA
LED current selection setting
TABLE 10 - REGISTER PS_CANC_L AND PS_CANC_M DESCRIPTION
COMMAND CODE: 0x05_L (0x05 DATA BYTE LOW) AND 0x05_H(0x05 DATA BYTE HIGH)
Register
Bit
Description
PS_CANC_L
7 : 0
0x00 to 0xFF, PS cancellation level setting_LSB byte
PS_CANC_M
7 : 0
0x00 to 0xFF, PS cancellation level setting_MSB byte
TABLE 11 - REGISTER: PS_THDL_L AND PS_THDL_M DESCRIPTION
COMMAND CODE: 0x06_L (0x06 DATA BYTE LOW) AND 0x06_H(0x06 DATA BYTE HIGH)
Register
Bit
Description
PS_THDL_L
7 : 0
0x00 to 0xFF, PS interrupt low threshold setting_LSB byte
PS_THDL_M
7 : 0
0x00 to 0xFF, PS interrupt low threshold setting_MSB byte
TABLE 12 - REGISTER: PS_THDH_L AND PS_THDH_M DESCRIPTION
COMMAND CODE: 0x07_L (0x07 DATA BYTE LOW) AND 0x07_H(0x07 DATA BYTE HIGH)
Register
Bit
Description
PS_THDH_L
7 : 0
0x00 to 0xFF, PS interrupt high threshold setting_LSB byte
PS_THDH_M
7 : 0
0x00 to 0xFF, PS interrupt high threshold setting_MSB byte
TABLE 13 - READ OUT REGISTER DESCRIPTION
Register
Command Code
Bit
Description
PS_Data_L
0x08_L (0x08 data byte low)
7 : 0
0x00 to 0xFF, PS LSB output data
PS_Data_M
0x08_H (0x08 data byte high)
7 : 0
0x00 to 0xFF, PS MSB output data
ALS_Data_L
0x09_L (0x09 data byte low)
7 : 0
0x00 to 0xFF, ALS LSB output data
ALS_Data_M
0x09_H (0x09 data byte high)
7 : 0
0x00 to 0xFF, ALS MSB output data
White_Data_L
0x0A_L (0x0A data byte low)
7 : 0
0x00 to 0xFF, white LSB output data
White_Data_M
0x0A_H (0x0A data byte high)
7 : 0
0x00 to 0xFF, white LSB output data
Reserved
0x0B_L (0x0B data byte low)
7 : 0
Default = 0x00
INT_Flag
0x0B_H (0x0B data byte high)
7
6
5
4
3
2
1
0
Reserved
PS_SPFLAG, PS entering protection mode
ALS_IF_L, ALS crossing low THD INT trigger event
ALS_IF_H, ALS crossing high THD INT trigger event
Reserved
Reserved
PS_IF_CLOSE, PS rises above PS_THDH INT trigger event
PS_IF_AWAY, PS drops below PS_THDL INT trigger event
ID_L
0CH_L (0CH data byte low)
7 : 0
86H for MP version sample, device ID LSB byte
ID_M
0CH_H (0CH data byte high)
7 : 6
5 : 4
3 : 0
(0 : 0)
(0 : 0) Slave address = 0x60 (7-bit)
Version code (0 : 0 : 0 : 1), device ID MSB byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com