Electronic Components Datasheet Search
  English  ▼

X  

VCNL4040 Datasheet(PDF) 18 Page - Vishay Siliconix

Part # VCNL4040
Description  Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4040 Datasheet(HTML) 18 Page - Vishay Siliconix

Back Button VCNL4040 Datasheet HTML 14Page - Vishay Siliconix VCNL4040 Datasheet HTML 15Page - Vishay Siliconix VCNL4040 Datasheet HTML 16Page - Vishay Siliconix VCNL4040 Datasheet HTML 17Page - Vishay Siliconix VCNL4040 Datasheet HTML 18Page - Vishay Siliconix VCNL4040 Datasheet HTML 19Page - Vishay Siliconix VCNL4040 Datasheet HTML 20Page - Vishay Siliconix VCNL4040 Datasheet HTML 21Page - Vishay Siliconix VCNL4040 Datasheet HTML 22Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
VCNL4040
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 02-Mar-15
18
Document Number: 84274
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RECOMMENDED INFRARED REFLOW
Soldering conditions which are based on J-STD-020 C
Recommend Normal Solder Reflow is 235 °C to 265 °C
Fig. 22 - VCNL4040 Solder Reflow Profile Chart
RECOMMENDED STORAGE AND REBAKING CONDITIONS
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Storage temperature
5
50
°C
Relative humidity
60
%
Open time
168
h
Total time
From the date code on the aluminized envelope (unopened)
12
months
Rebaking
Tape and Reel: 60 °C
22
h
Tube: 60 °C
22
h
IR REFLOW PROFILE CONDITION
PARAMETER
CONDITIONS
TEMPERATURE
TIME
Peak temperature
260 °C + 5 °C / - 5 °C (max.: 265 °C)
10 s
Preheat temperature range and timing
150 °C to 200 °C
60 s to 180 s
Timing within 5 °C to peak temperature
10 s to 30 s
Timing maintained above temperature / time
217 °C
60 s to 150 s
Timing from 25 °C to peak temperature
8 minutes (max.)
Ramp-up rate
3 °C/s (max.)
Ramp-down rate
6 °C/s (max.)
200
150
217
260
Max. Temperature
260+5/-5
0C / 10 seconds
Soldering Zone
60-150 seconds
Time (second)
t2
t1
Ramp-up Rate
3
0C / seconds
(max)
Ramp-down Rate
6
0C / seconds
(max)
Ramp-up Rate
3
0C / seconds
(max)
Pre-Heating Time
t2 -t1 = 60 - 180 secons



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com