Electronic Components Datasheet Search
  English  ▼

X  

LMH6624MF Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6624MF
Description  Single/Dual Ultra Low Noise Wideband Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6624MF Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMH6624MF Datasheet HTML 1Page - National Semiconductor (TI) LMH6624MF Datasheet HTML 2Page - National Semiconductor (TI) LMH6624MF Datasheet HTML 3Page - National Semiconductor (TI) LMH6624MF Datasheet HTML 4Page - National Semiconductor (TI) LMH6624MF Datasheet HTML 5Page - National Semiconductor (TI) LMH6624MF Datasheet HTML 6Page - National Semiconductor (TI) LMH6624MF Datasheet HTML 7Page - National Semiconductor (TI) LMH6624MF Datasheet HTML 8Page - National Semiconductor (TI) LMH6624MF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
±2.5V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed at T
A = 25˚C, V
+ = 2.5V, V− = −2.5V, V
CM = 0V, AV = +20, RF = 500
Ω,R
L =
100
Ω. Boldface limits apply at the temperature extremes. See (Note 12).
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
Transfer Characteristics
A
VOL
Large Signal Voltage Gain
(LMH6624)
R
L = 100
Ω,V
O = −1V to +1V
75
70
79
dB
(LMH6626)
R
L = 100
Ω,V
O = −1V to +1V
72
67
79
X
t
Crosstalk Rejection
f = 1MHz (LMH6626)
−75
dB
Output Characteristics
V
O
Output Swing
R
L = 100
Ω
±1.1
±1.0
±1.5
V
No Load
±1.4
±1.25
±1.7
R
O
Output Impedance
f
≤ 100KHz
10
m
Ω
I
SC
Output Short Circuit Current
(LMH6624)
Sourcing to Ground
∆V
IN = 200mV (Note 3), (Note 11)
90
75
145
mA
(LMH6624)
Sinking to Ground
∆V
IN = −200mV (Note 3), (Note 11)
90
75
145
(LMH6626)
Sourcing to Ground
∆V
IN = 200mV (Note 3),(Note 11)
60
50
120
(LMH6626)
Sinking to Ground
∆V
IN = −200mV (Note 3),(Note 11)
60
50
120
I
OUT
Output Current
(LMH6624)
Sourcing, V
O = +0.8V
Sinking, V
O = −0.8V
100
mA
(LMH6626)
Sourcing, V
O = +0.8V
Sinking, V
O = −0.8V
75
Power Supply
PSRR
Power Supply Rejection Ratio
V
S = ±2.0V to ±3.0V
82
80
90
dB
I
S
Supply Current (per channel)
No Load
11.4
16
18
mA
±6V Electrical Characteristics
Unless otherwise specified, all limits guaranteed at T
A = 25˚C, V
+ = 6V, V− = −6V, V
CM = 0V, AV = +20, RF = 500
Ω,R
L =
100
Ω. Boldface limits apply at the temperature extremes. See (Note 12).
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
Dynamic Performance
f
CL
−3dB BW
V
O = 400mVPP (LMH6624)
95
MHz
V
O = 400mVPP (LMH6626)
85
SR
Slew Rate (Note 8)
V
O =2VPP,AV = +20 (LMH6624)
350
V/µs
V
O =2VPP,AV = +20 (LMH6626)
320
V
O =2VPP,AV = +10 (LMH6624)
400
V
O =2VPP,AV = +10 (LMH6626)
360
t
r
Rise Time
V
O = 400mV Step, 10% to 90%
3.7
ns
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com