Electronic Components Datasheet Search
  English  ▼

X  

LMH6624MF Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6624MF
Description  Single/Dual Ultra Low Noise Wideband Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6624MF Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMH6624MF Datasheet HTML 1Page - National Semiconductor (TI) LMH6624MF Datasheet HTML 2Page - National Semiconductor (TI) LMH6624MF Datasheet HTML 3Page - National Semiconductor (TI) LMH6624MF Datasheet HTML 4Page - National Semiconductor (TI) LMH6624MF Datasheet HTML 5Page - National Semiconductor (TI) LMH6624MF Datasheet HTML 6Page - National Semiconductor (TI) LMH6624MF Datasheet HTML 7Page - National Semiconductor (TI) LMH6624MF Datasheet HTML 8Page - National Semiconductor (TI) LMH6624MF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
±6V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed at T
A = 25˚C, V
+ = 6V, V− = −6V, V
CM = 0V, AV = +20, RF = 500
Ω,R
L =
100
Ω. Boldface limits apply at the temperature extremes. See (Note 12).
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
t
f
Fall Time
V
O = 400mV Step, 10% to 90%
3.7
ns
t
s
Settling Time 0.1%
V
O =2VPP (Step)
18
ns
Distortion and Noise Response
e
n
Input Referred Voltage Noise
f = 1MHz (LMH6624)
0.92
nV/
f = 1MHz (LMH6626)
1.0
i
n
Input Referred Current Noise
f = 1MHz (LMH6624)
2.3
pA/
f = 1MHz (LMH6626)
1.8
HD2
2
nd Harmonic Distortion
f
C = 10MHz, VO =1VPP,RL 100
Ω
−63
dBc
HD3
3
rd Harmonic Distortion
f
C = 10MHz, VO =1VPP,RL 100
Ω
−80
dBc
Input Characteristics
V
OS
Input Offset Voltage
V
CM = 0V
−0.5
−0.7
±0.10
+0.5
+0.7
mV
Average Drift (Note 7)
V
CM =0V
±0.2
µV/˚C
I
OS
Input Offset Current Average
Drift (Note 7)
(LMH6624)
V
CM =0V
−1.1
−2.5
0.05
1.1
2.5
µA
(LMH6626)
V
CM =0V
−2.0
−2.5
0.1
2.0
2.5
V
CM = 0V
0.7
nA/˚C
I
B
Input Bias Current
V
CM = 0V
13
+20
+25
µA
Average Drift (Note 7)
V
CM = 0V
12
nA/˚C
R
IN
Input Resistance (Note 10)
Common Mode
6.6
M
Ω
Differential Mode
4.6
k
Ω
C
IN
Input Capacitance (Note 10)
Common Mode
0.9
pF
Differential Mode
2.0
CMRR
Common Mode Rejection
Ratio
Input Referred,
dB
V
CM = −4.5 to +5.25V
V
CM = −4.5 to +5.0V
90
87
95
Transfer Characteristics
A
VOL
Large Signal Voltage Gain
(LMH6624)
R
L = 100
Ω,V
O = −3V to +3V
77
72
81
dB
(LMH6626)
R
L = 100
Ω,V
O = −3V to +3V
74
70
80
X
t
Crosstalk Rejection
f = 1MHz (LMH6626)
−75
dB
Output Characteristics
V
O
Output Swing
(LMH6624)
R
L = 100
Ω
±4.4
±4.3
±4.9
V
(LMH6624)
No Load
±4.8
±4.65
±5.2
(LMH6626)
R
L = 100
Ω
±4.3
±4.2
±4.8
(LMH6626)
No Load
±4.8
±4.65
±5.2
R
O
Output Impedance
f
≤ 100KHz
10
m
Ω
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com