Electronic Components Datasheet Search
  English  ▼

X  

LMH6624MF Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6624MF
Description  Single/Dual Ultra Low Noise Wideband Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6624MF Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMH6624MF Datasheet HTML 12Page - National Semiconductor (TI) LMH6624MF Datasheet HTML 13Page - National Semiconductor (TI) LMH6624MF Datasheet HTML 14Page - National Semiconductor (TI) LMH6624MF Datasheet HTML 15Page - National Semiconductor (TI) LMH6624MF Datasheet HTML 16Page - National Semiconductor (TI) LMH6624MF Datasheet HTML 17Page - National Semiconductor (TI) LMH6624MF Datasheet HTML 18Page - National Semiconductor (TI) LMH6624MF Datasheet HTML 19Page - National Semiconductor (TI) LMH6624MF Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Application Section (Continued)
SINGLE SUPPLY OPERATION
The LMH6624/LMH6626 can be operated with single power
supply as shown in Figure 8. Both the input and output are
capacitively coupled to set the DC operating point.
LOW NOISE TRANSIMPEDANCE AMPLIFIER
Figure 9 implements a low-noise transimpedance amplifier
commonly used with photo-diodes. The transimpedance
gain is set by R
f. Equation 4 provides the total input current
noise density (i
ni) equation for the basic transimpedance
configuration and is plotted against feedback resistance (R
f)
showing all contributing noise sources in Figure 10. This plot
indicates the expected total equivalent input current noise
density (i
ni) for a given feedback resistance (Rf). The total
equivalent output voltage noise density (e
no)isini*Rf.
(5)
LOW NOISE INTEGRATOR
The LMH6624/LMH6626 implement a deBoo integrator
shown in Figure 11. Positive feedback maintains integration
linearity. The LMH6624/LMH6626’s low input offset voltage
and matched inputs allow bias current cancellation and pro-
vide for very precise integration. Keeping R
G and RS low
helps maintain dynamic stability.
20058925
FIGURE 7. External Lag Compensation
20058926
FIGURE 8. Single Supply Operation
20058927
FIGURE 9. Transimpedance Amplifier Configuration
20058928
FIGURE 10. Current Noise Density vs. Feedback
Resistance
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com