Electronic Components Datasheet Search
  English  ▼

X  

AD1888 Datasheet(PDF) 13 Page - Analog Devices

Part # AD1888
Description  AC 97 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1888 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1888 Datasheet HTML 9Page - Analog Devices AD1888 Datasheet HTML 10Page - Analog Devices AD1888 Datasheet HTML 11Page - Analog Devices AD1888 Datasheet HTML 12Page - Analog Devices AD1888 Datasheet HTML 13Page - Analog Devices AD1888 Datasheet HTML 14Page - Analog Devices AD1888 Datasheet HTML 15Page - Analog Devices AD1888 Datasheet HTML 16Page - Analog Devices AD1888 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
REV. 0
AD1888
–13–
CD Volume Register (Index 12h)
Reg
No. Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
12h CD Volume
CVM
X
X
LCV4 LCV3
LCV2 LCV1 LCV0 CDRM
* XX
RCV4 RCV3
RCV2
RCV1
RCV0
8808h
*For AC ’97 compatibility, Bit D7 is available only by setting the MSPLT bit, Register 76h. The MSPLT bit enables separate mute bits for the left and right channels.
If MSPLT is not set, the Bit D7 has no effect. All registers not shown and bits containing an X are assumed to be reserved. Refer to Table IV for examples.
Line-In Volume Register (Index 10h)
Reg
No. Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
10h Line-In Volume LVM
X
X
LLV4 LLV3
LLV2
LLV1 LLV0
LVRM
* XX
RLV4 RLV3
RLV2
RLV1 RLV0 8808h
*For AC ’97 compatibility, Bit D7 is available only by setting the MSPLT bit, Register 76h. The MSPLT bit enables separate mute bits for the left and right channels.
If MSPLT is not set, the Bit D7 has no effect. All registers not shown and bits containing an X are assumed to be reserved. Refer to Table IV for examples.
RLV[4:0]
Right Line-In Volume. Allows setting the Line-In Right channel attenuator in 32 volume levels with 31 steps of
1.5 dB each. The LSB represents 1.5 dB, and the range is +12 dB to –34.d dB. The default value is 0 dB, mute enabled.
LVRM
Right Channel Mute. Once enabled by the MSPLT bit in Register 76h, this bit mutes the right channel separately
from the LIM bit. Otherwise, this bit will always read 0 and will have no effect when set to 1.
LLV[4:0]
Left Line-In Volume. Allows setting the Line-In left channel attenuator in 32 volume levels with 31 steps of 1.5 dB each.
The LSB represents 1.5 dB, and the range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
LVM
Line-In Mute. When this bit is set to 1, both the left and the right channels are muted, unless the MSPLT bit in
Register 76h is set to 1, in which case this mute bit will only affect the left channel.
RCV[4:0]
Right CD Volume. Allows setting the CD right channel attenuator in 32 volume levels with 31 steps of 1.5 dB each.
The LSB represents 1.5 dB, and the range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
CDRM
Right Channel Mute. Once enabled by the MSPLT bit in Register 76h, this bit mutes the Right channel separately
from the CVM bit. Otherwise this bit will always read 0 and will have no effect when set to 1.
LCV[4:0]
Left CD Volume. Allows setting the CD left channel attenuator in 32 volume levels with 31 steps of 1.5 dB each.
The LSB represents 1.5 dB, and the range is +12 dB to –24.5 dB. The default value is 0 dB, mute enabled.
CVM
CD Volume Mute. When this bit is set to 1, both the left and the right channels are muted, unless the MSPLT bit
in Register 76h is set to 1, in which case this mute bit will affect only the left channel.
RAV[4:0]
Right AUX Volume. Allows setting the AUX right channel attenuator in 32 volume levels with 31 steps of 1.5 dB
each. The LSB represents 1.5 dB, and the range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
AVRM
Right Channel Mute. Once enabled by the MSPLT bit in Register 76h, this bit mutes the right channel separately
from the AVM bit. Otherwise, this bit will always read 0 and will have no affect when set to 1.
LAV[4:0]
Left PCM Out Volume. Allows setting the PCM left channel attenuator in 32 volume levels. The LSB represents
1.5 dB, and the range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
AVM
PCM Out Volume Mute. When this bit is set to 1, both the left and the right channels are muted, unless the
MSPLT bit in Register 76h is set to 1, in which case this mute bit will affect only the left channel.
AUX Volume Register (Index 16h)
Reg
No. Name
D15
D14 D13 D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
16h AUX Volume
AVM
X
X
LAV4 LAV3
LAV2
LAV1
LAV0
AVRM
* XX
RAV4 RAV3 RAV2 RAV1 RAV0 8808h
*For AC ’97 compatibility, Bit D7 is only available by setting the MSPLT bit, Register 76h. The MSPLT bit enables separate mute bits for the left and right channels.
If MSPLT is not set, Bit D7 has no effect. All registers not shown and bits containing an X are assumed to be reserved. Refer to Table IV for examples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com