Electronic Components Datasheet Search
  English  ▼

X  

AD1888 Datasheet(PDF) 18 Page - Analog Devices

Part # AD1888
Description  AC 97 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1888 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD1888 Datasheet HTML 14Page - Analog Devices AD1888 Datasheet HTML 15Page - Analog Devices AD1888 Datasheet HTML 16Page - Analog Devices AD1888 Datasheet HTML 17Page - Analog Devices AD1888 Datasheet HTML 18Page - Analog Devices AD1888 Datasheet HTML 19Page - Analog Devices AD1888 Datasheet HTML 20Page - Analog Devices AD1888 Datasheet HTML 21Page - Analog Devices AD1888 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
REV. 0
–18–
AD1888
NORMAL
ADCs OFF
PR0
DACs OFF
PR1
ANALOG
OFF
PR2 OR
PR3
DIGITAL I/F
OFF
PR4
SHUT OFF
AC-LINK
PR0 = 1
PR1 = 1
PR2 = 1
PR4 = 1
DEFAULT
PR0 = 0
AND
ADC = 1
PR1 = 0
AND
DAC = 1
PR2 = 0
AND
ANL = 1
WARM
RESET
COLD
RESET
READY = 1
Figure 8. One Example of AC ‘97 Power-Down/Power-Up Flow
Extended Audio ID Register (Index 28h)
Reg
No. Name
D15 D14 D13 D12 D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
28h Ext’d Audio ID ID1 ID0
X
X
REV1 REV0 AMAP LDAC
SDAC
CDAC
DSA1
DSA0
X
SPDIF DRA VRA x3C7h
The extended audio ID register identifies which extended audio features are supported. A nonzero extended audio ID value indicates one or more of the extended
audio features are supported. All registers not shown and bits containing an X are assumed to be reserved.
VRA
Variable Rate PCM Audio Support (Read Only).
This bit returns a 1 when read to indicate that the Variable Rate PCM Audio is supported.
DRA
Double Rate Audio (Read Only).
This bit returns a 1 when read to indicate that the optional Double Rate RCM Audio is supported for PCM L and
PCM R.
SPDIF
SPDIF Support (Read Only). This bit returns a 1 when read to indicate that the SPDIF transmitter is supported
(IEC958).
This bit is also used to validate that the SPDIF transmitter output is actually enabled. The SPDIF bit is only
allowed to be set high if the SPDIF pin (48) is pulled down at power-up, enabling the codec transmitter logic. If the
SPDIF pin is floating or pulled high at power-up, the transmitter logic is disabled and therefore this bit returns a
low, indicating that the SPDIF transmitter is not available. This bit must always be read back to verify that the
SPDIF transmitter is actually enabled.
DSA[1,0]
DAC Slot Assignments (Read/Write) (Reset Default = 00)
00
DACs 1, 2 = 3 and 4
DACs 3, 4 = 7 and 8
DACs 5, 6 = 6 and 9
01
DACs 1, 2 = 7 and 8
DACs 3, 4 = 6 and 9
DACs 5, 6 = disabled
10
DACs 1, 2 = 6 and 9
DACs 3, 4 = disabled
DACs 5, 6 = disabled
11
Reserved
CDAC
PCM CENTER DAC Support (Read Only).
This bit returns a 1 when read to indicate that PCM center DAC is supported.
SDAC
PCM Surround DAC Support (Read Only).
This bit returns a 1 when read to indicate that PCM surround left and right DACs are supported.
LDAC
PCM LFE DAC Support (Read Only),
This bit returns a 1 when read to indicate that PCM LFE DAC is supported.
AMAP
Slot DAC Mappings Based on Codec ID (Read Only).
This bit returns a 1 when read to indicate that slot/DAC mappings based on codec ID are supported.
REV[1,0]
REV[1,0] = 01 indicates codec is AC ’97 revision 2.2 compliant (Read Only).
ID[1:0]
Indicates Codec Configuration (Read Only).
00 = Primary
01, 10, 11 = Secondary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com