Electronic Components Datasheet Search
  English  ▼

X  

AD1888 Datasheet(PDF) 22 Page - Analog Devices

Part # AD1888
Description  AC 97 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1888 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD1888 Datasheet HTML 18Page - Analog Devices AD1888 Datasheet HTML 19Page - Analog Devices AD1888 Datasheet HTML 20Page - Analog Devices AD1888 Datasheet HTML 21Page - Analog Devices AD1888 Datasheet HTML 22Page - Analog Devices AD1888 Datasheet HTML 23Page - Analog Devices AD1888 Datasheet HTML 24Page - Analog Devices AD1888 Datasheet HTML 25Page - Analog Devices AD1888 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
REV. 0
–22–
AD1888
SPDIF Control Register (Index 3Ah)
Reg
No. Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
3Ah SPDIF
V
X
SPSR1
SPSR0
L
CC6
CC5 CC4
CC3
CC2
CC1
CC0
PRE
COPY
/AUD PRO
2000h
Control
All registers not shown and bits containing an X are assumed to be reserved.
Register 3Ah is a read/write register that controls SPDIF functionality and manages bit fields propagated as channel status (or subframe in the V case). With the
exception of V, this register should only be written to when the SPDIF transmitter is disabled (SPDIF Bit in Register 2Ah is 0). This ensures that control and status
information starts up correctly at the beginning of SPDIF transmission.
PRO
Professional. 1 indicates professional use of channel status, 0 indicates consumer.
/AUD
Non-Audio. 1 indicates data is non PCM format, 0 indicates data is PCM.
COPY
Copyright. 1 indicates copyright is asserted, 1 indicates copyright is not asserted.
PRE
Pre-emphasis. 1 indicates filter pre-emphasis is 50
µs/15 µs, 0 indicates pre-emphasis is none.
CC[6-0]
Category Code. Programmed according to IEC standards, or as appropriate.
LGeneration Level. Programmed according to IEC standards, or as appropriate.
SPSR[1,0]
SPDIF Transmit Sample Rate:
SPSR[1:0] = 00 Transmit Sample Rate = 44.1 kHz
SPSR[1:0] = 01 Reserved
SPSR[1:0] = 10 Transmit Sample Rate = 48 kHz (default)
SPSR[1:0] = 11 Not supported.
VValidity. This bit affects the Validity flag (Bit 28 transmitted in each SPDIF L/R subframe) and enables the SPDIF
transmitter to maintain connection during error or mute conditions.
V = 1 Each SPDIF subframe (L + R) has Bit 28 set to 1. This tags both samples as invalid.
V = 0 Each SPDIF subframe (L + R) has Bit 28 set to 0 for valid data and 1 for invalid data (error condition).
Note that when V = 0, asserting the VFORCE bit (D15) in Register 2Ah (Ext’d Audio Stat/Ctrl) will force the
Validity flag low, marking both samples as valid.
Table VIII. Settings for Surround Register
Control Bits
Surround Volume (38h)
Left Surround D[13:8]
Right Surround D[5:0]
D15/D7
WRITE
READBACK
Function with AC97NC = 0
Function with AC97NC = 1
0
00 0000
00 0000
0 dB Gain
12 dB Gain
0
00 1111
00 1111
–22 dB Gain
–10.5 dB Gain
0
01 1111
01 1111
–46.5 dB Gain
–34.5 dB Gain
0
1x xxxx
01 1111
–46.5 dB Gain
Not Applicable
1
xx xxxx
xx xxxx
Muted
Muted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com