Electronic Components Datasheet Search
  English  ▼

X  

AD8067 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8067
Description  High Gain Bandwidth Product Precision Fast FET??Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8067 Datasheet(HTML) 1 Page - Analog Devices

  AD8067 Datasheet HTML 1Page - Analog Devices AD8067 Datasheet HTML 2Page - Analog Devices AD8067 Datasheet HTML 3Page - Analog Devices AD8067 Datasheet HTML 4Page - Analog Devices AD8067 Datasheet HTML 5Page - Analog Devices AD8067 Datasheet HTML 6Page - Analog Devices AD8067 Datasheet HTML 7Page - Analog Devices AD8067 Datasheet HTML 8Page - Analog Devices AD8067 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
High Gain Bandwidth Product
Precision Fast FET ™ Op Amp
AD8067
FEATURES
• FET input amplifier: 0.6 pA input bias current
• Stable for gains ≥8
• High speed
• 54 MHz, –3 dB bandwidth (G = +10)
• 640 V/µs slew rate
• Low noise
• 6.6 nV/√Hz
• 0.6 fA/√Hz
• Low offset voltage (1.0 mV max)
• Wide supply voltage range: 5 V to 24 V
• No phase reversal
• Low input capacitance
• Single-supply and rail-to-rail output
• Excellent distortion specs: SFDR 95 dBc @ 1 MHz
• High common-mode rejection ratio: –106 dB
• Low power: 6.5 mA typical supply current
• Low cost
• Small packaging: SOT-23-5
APPLICATIONS
• Photodiode preamplifier
• Precision high gain amplifier
• High gain, high bandwidth composite amplifier
GENERAL DESCRIPTION
The AD8067 Fast FET amp is a voltage feedback amplifier with
FET inputs offering wide bandwidth (54 MHz @ G = +10) and high
slew rate (640 V/µs). The AD8067 is fabricated in a proprietary,
dielectrically isolated eXtra Fast Complementary Bipolar process
(XFCB) that enables high speed, low power, and high performance
FET input amplifiers.
The AD8067 is designed to work in applications that require high
speed and low input bias current, such as fast photodiode
preamplifiers. As required by photodiode applications, the laser
trimmed AD8067 has excellent dc voltage offset (1.0 mV max)
and drift (15 µV/°C max).
CONNECTION DIAGRAM
+VS
5
4
1
2
3
–IN
+IN
–VS
VOUT
SOT-23-5 (RT-5)
Figure 1. Connection Diagram (Top View)
The FET input bias current (5 pA max) and low voltage noise
(6.6 nV/√Hz) also contribute to making it appropriate for precision
applications. With a wide supply voltage range (5 V to 24 V) and
rail-to-rail output, the AD8067 is well suited to a variety of
applications that require wide dynamic range and low distortion.
The AD8067 amplifier consumes only 6.5 mA of supply current,
while capable of delivering 30 mA of load current and driving
capacitive loads of 100 pF. The AD8067 amplifier is available in a
SOT-23-5 package and is rated to operate over the industrial
temperature range, –40°C to +85°C.
FREQUENCY – MHz
28
8
10
12
14
16
18
20
22
24
26
0.1
1
10
100
G = +20
G = +10
G = +8
Figure 2. Small Signal Frequency Response
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2002 Analog Devices, Inc. All rights reserved.


Similar Part No. - AD8067

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8067 AD-AD8067 Datasheet
459Kb / 24P
High Gain Bandwidth Product, Precision Fast FET??Op Amp
REV. A
AD8067 AD-AD8067 Datasheet
415Kb / 24P
High Gain Bandwidth Product, Precision Fast FET™ Op Amp
Rev. B
AD8067ART-EBZ AD-AD8067ART-EBZ Datasheet
415Kb / 24P
High Gain Bandwidth Product, Precision Fast FET™ Op Amp
Rev. B
AD8067ART-R2 AD-AD8067ART-R2 Datasheet
459Kb / 24P
High Gain Bandwidth Product, Precision Fast FET??Op Amp
REV. A
AD8067ART-R2 AD-AD8067ART-R2 Datasheet
415Kb / 24P
High Gain Bandwidth Product, Precision Fast FET™ Op Amp
Rev. B
More results

Similar Description - AD8067

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2006 ELANTEC-EL2006 Datasheet
247Kb / 12P
High Gain Fast FET Input Op Amp
logo
Analog Devices
AD8067 AD-AD8067_06 Datasheet
459Kb / 24P
High Gain Bandwidth Product, Precision Fast FET??Op Amp
REV. A
logo
Maxim Integrated Produc...
MAX9622 MAXIM-MAX9622 Datasheet
1Mb / 10P
Precision, High-Bandwidth Op Amp
Rev 0; 9/10
logo
Inchange Semiconductor ...
2SC5772 ISC-2SC5772 Datasheet
257Kb / 10P
High Gain Bandwidth Product
2SC3862 ISC-2SC3862 Datasheet
218Kb / 4P
High Gain Bandwidth Product
2SC4807 ISC-2SC4807 Datasheet
212Kb / 5P
High Gain-Bandwidth Product
2SC4988 ISC-2SC4988 Datasheet
216Kb / 5P
High Gain Bandwidth Product
2SC5084 ISC-2SC5084 Datasheet
267Kb / 5P
High Gain Bandwidth Product
2SC5090 ISC-2SC5090 Datasheet
322Kb / 7P
High Gain Bandwidth Product
logo
Maxim Integrated Produc...
MAX9622 MAXIM-MAX9622_V01 Datasheet
777Kb / 10P
Precision, High-Bandwidth Op Amp
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com