Electronic Components Datasheet Search
  English  ▼

X  

AD8067 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8067
Description  High Gain Bandwidth Product Precision Fast FET??Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8067 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8067 Datasheet HTML 14Page - Analog Devices AD8067 Datasheet HTML 15Page - Analog Devices AD8067 Datasheet HTML 16Page - Analog Devices AD8067 Datasheet HTML 17Page - Analog Devices AD8067 Datasheet HTML 18Page - Analog Devices AD8067 Datasheet HTML 19Page - Analog Devices AD8067 Datasheet HTML 20Page - Analog Devices AD8067 Datasheet HTML 21Page - Analog Devices AD8067 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8067
Rev. 0 | Page 18 of 24
Input Protection
Layout, Grounding, and Bypassing
Considerations
The inputs of the AD8067 are protected with back-to-back diodes
between the input terminals as well as ESD diodes to either power
supply. The result is an input stage with picoamp level input
currents that can withstand 2 kV ESD events (human body model)
with no degradation.
LAYOUT
In extremely low input bias current amplifier applications, stray
leakage current paths must be kept to a minimum. Any voltage
differential between the amplifier inputs and nearby traces will set
up a leakage path through the PCB. Consider a 1 V signal and
100GΩ to ground present at the input of the amplifier. The resultant
leakage current is 10 pA; this is ten times the input bias current of
the amplifier. Poor PCB layout, contamination, and the board
material can create large leakage currents. Common contaminants
on boards are skin oils, moisture, solder flux, and cleaning agents.
Therefore, it is imperative that the board be thoroughly cleaned and
the board surface be free of contaminants to fully take advantage of
the AD8067’s low input bias currents.
Excessive power dissipation through the protection devices will
destroy or degrade the performance of the amplifier. Differential
voltages greater than 0.7 V will result in an input current of
approximately (| V+ – V– | – 0.7 V)/(RI + RG)), where RI and RG are
the resistors (see Figure 46). For input voltages beyond the positive
supply, the input current will be about (VI – VCC – 0.7 V)/RI. For
input voltages beyond the negative supply, the input current will be
about (VI – VEE + 0.7 V)/RI. For any of these conditions, RI should
be sized to limit the resulting input current to 50 mA or less.
VI
RI > (VI – VEE + 0.7V)/50mA
RI > (VI – VCC – 0.7V)/50mA
FOR VI BEYOND
SUPPLY VOLTAGES
VOUT
–
+
RG
RF
RI
–
+
AD8067
RI > ( |V+ – V– | –0.7V)/50mA
FOR LARGE |V+ – V– |
To significantly reduce leakage paths, a guard ring/shield around
the inputs should be used. The guard ring circles the input pins and
is driven to the same potential as the input signal, thereby reducing
the potential difference between pins. For the guard ring to be com-
pletely effective, it must be driven by a relatively low impedance
source and should completely surround the input leads on all sides,
above, and below, using a multilayer board (see Figure 47). The
SOT-23-5 package presents a challenge in keeping the leakage paths
to a minimum. The pin spacing is very tight, so extra care must be
used when constructing the guard ring (see Figure 48 for
recommended guard-ring construction).
Figure 46. Current Limiting Resistor
Capacitive Load Drive
Capacitive load introduces a pole in the amplifier loop response
due to the finite output impedance of the amplifier. This can cause
excessive peaking and ringing in the response. The AD8067 with a
gain of +10 will handle up to a 30 pF capacitive load without an
excessive amount of peaking (see Figure 8). If greater capacitive
load drive is required, consider inserting a small resistor in series
with the load (24.9 Ω is a good value to start with). Capacitive load
drive capability also increases as the gain of the amplifier increases.
NON-INVERTING
GUARD RING
INVERTING
GUARD RING
Figure 47. Guard-Ring Configurations
+V
–IN
+IN
–V
VOUT
AD8067
NONINVERTING
+V
–IN
+IN
–V
VOUT
AD8067
INVERTING
Figure 48. Guard-Ring Layout SOT-23-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com