Electronic Components Datasheet Search
  English  ▼

X  

AD8067 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8067
Description  High Gain Bandwidth Product Precision Fast FET??Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8067 Datasheet(HTML) 4 Page - Analog Devices

  AD8067 Datasheet HTML 1Page - Analog Devices AD8067 Datasheet HTML 2Page - Analog Devices AD8067 Datasheet HTML 3Page - Analog Devices AD8067 Datasheet HTML 4Page - Analog Devices AD8067 Datasheet HTML 5Page - Analog Devices AD8067 Datasheet HTML 6Page - Analog Devices AD8067 Datasheet HTML 7Page - Analog Devices AD8067 Datasheet HTML 8Page - Analog Devices AD8067 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD8067
Rev. 0 | Page 4 of 24
AD8067–SPECIFICATIONS FOR ±5 V
VS = ±5 V (@ TA = +25°C, G = +10, RF = RL =1 kΩ, Unless Otherwise Noted.)
Parameter
Conditions
Min
Typ
Max
Unit
V
O = 0.2 V p-p
39
54
MHz
–3 dB Bandwidth
V
O = 2 V p-p
54
MHz
Bandwidth for 0.1 dB Flatness
V
O = 0.2 V p-p
8
MHz
Output Overdrive Recovery Time
(Pos/Neg)
V
I = ±0.6 V
115/190
ns
Slew Rate
V
O = 5 V Step
500
640
V/µs
DYNAMIC
PERFORMANCE
Settling Time to 0.1%
V
O = 5 V Step
27
ns
fC = 1 MHz, 2 V p-p
95
dBc
fC = 1 MHz, 8 V p-p
84
dBc
fC = 5 MHz, 2 V p-p
82
dBc
Spurious Free Dynamic Range (SFDR)
fC = 1 MHz, 2 V p-p, RL = 150
Ω
72
dBc
Input Voltage Noise
f = 10 kHz
6.6
nV/√Hz
NOISE/DISTORTION
PERFORMANCE
Input Current Noise
f = 10 kHz
0.6
fA/√Hz
Input Offset Voltage
0.2
1.0
mV
Input Offset Voltage Drift
1
15
µV/°C
0.6
5
pA
Input Bias Current
TMIN to TMAX
25
pA
0.2
1
pA
Input Offset Current
TMIN to TMAX
1
pA
DC PERFORMANCE
Open-Loop Gain
VO = ±3 V
103
119
dB
Common-Mode Input Impedance
1000||1.5
GΩ||pF
Differential Input Impedance
1000||2.5
GΩ||pF
Input Common-Mode Voltage Range
–5.0
2.0
V
INPUT
CHARACTERISTICS
Common-Mode Rejection Ratio (CMRR) VCM = –1 V to +1 V
–85
–106
dB
RL = 1 kΩ
–4.86 to +4.83 –4.92 to +4.92
V
Output Voltage Swing
RL = 150 Ω
–4.67 to +4.72
V
Output Current
SFDR > 60 dBc, f = 1 MHz
30
mA
Short Circuit Current
105
mA
OUTPUT
CHARACTERISTICS
Capacitive Load Drive
30% over shoot
120
pF
Operating Range
5
24
V
Quiescent Current
6.5
6.8
mA
POWER SUPPLY
Power Supply Rejection Ratio (PSRR)
–90
–109
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com