Electronic Components Datasheet Search
  English  ▼

X  

ADP3025 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3025
Description  High Efficiency Dual Output Power Supply Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3025 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3025 Datasheet HTML 2Page - Analog Devices ADP3025 Datasheet HTML 3Page - Analog Devices ADP3025 Datasheet HTML 4Page - Analog Devices ADP3025 Datasheet HTML 5Page - Analog Devices ADP3025 Datasheet HTML 6Page - Analog Devices ADP3025 Datasheet HTML 7Page - Analog Devices ADP3025 Datasheet HTML 8Page - Analog Devices ADP3025 Datasheet HTML 9Page - Analog Devices ADP3025 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADP3025
Rev. A | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
13
18
14
12
11
10
9
8
1
2
3
4
7
6
5
19
17
16
15
20
29
28
27
32
31
30
38
37
36
35
34
33
23
22
21
26
25
24
TOP VIEW
(Not to Scale)
ADP3025
BST5
DRVH5
SW5
DRVL5
PGND1
SD
PGND2
INTVCC1
VIN
DRVL3
SW3
DRVH3
BST3
DRV2
FB2
COMP2/SD2
CPOR
PWRGD
CS5
FB5
EAN5
EAO5
PFI
SS5
CLSET5
REF
AGND
CLSET3
INTVCC2
SYNC
SS3
PFO
EAO3
EAN3
FB3
CS3
ADJ/FX3
ADJ/FX5
Figure 2. 38-Lead TSSOP Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Function
1
CS5
Current Sense Input for the Top N-Channel MOSFET of the 5 V Buck Converter. Connect to the drain of the top
N-channel MOSFET.
2
FB5
Feedback Input for the 5 V Buck Converter. Connect to the output sense point in fixed output mode. Connect to
an external resistor divider in adjustable output mode.
3
EAN5
Inverting Input of the Error Amplifier of the 5 V Buck Converter. Use for external loop compensation only in
fixed output mode. In adjustable output mode, connect to the external resistor divider.
4
EAO5
Error Amplifier Output for the 5 V Buck Converter.
5
ADJ/FX5
TTL Logic Input. When ADJ/FX5 = 0 V, fixed output mode, connect FB5 to the output sense point. When
ADJ/FX5 = 5 V, adjustable output mode, connect FB5 to the external resistor divider.
6
SS5
Soft Start for the 5 V Buck Converter. Also used as an ON/OFF pin.
7
CLSET5
Current Limit Setting. A resistor can be connected from AGND to CLSET5. A minimum current limit is obtained
by leaving it open. A maximum current limit is obtained by connecting it to AGND.
8
REF
800 mV Reference. Bypass it with a capacitor (22 nF typical) to AGND. REF cannot be loaded externally.
9
AGND
Analog Signal Ground.
10
CLSET3
Current Limit Setting. A resistor can be connected from AGND to CLSET3. A minimum current limit is obtained
by leaving it open. A maximum current limit is obtained by connecting it to AGND.
11, 31
INTVCC2, 1
Linear Regulator Bypass for the Internal 5 V LDO. Bypass this pin with a 4.7 µF capacitor to AGND. Pins 11 and 31
must be connected for proper operation.
12
SYNC
Oscillator Synchronization and Frequency Select. fOSC = 200 kHz when SYNC = 0 V; select fOSC = 300 kHz, when
SYNC = 5 V. The oscillator can be synchronized with an external source through the SYNC pin.
13
SS3
Soft Start for the 3.3 V Buck Converter. Also used as an ON/OFF pin.
14
ADJ/FX3
TTL Logic Input. When ADJ/FX3 = 0 V, fixed output mode, connect FB3 to the output sense point. When
ADJ/FX3 = 5 V, adjustable output mode, connect FB3 to the external resistor divider.
15
EAO3
Error Amplifier Output for the 3.3 V Buck Converter.
16
EAN3
Error Amplifier Inverting Input of the 3.3 V Buck Converter. Use for external loop compensation only in fixed
output mode. In adjustable output mode, connect to an external resistor divider.
17
FB3
Feedback Input for the 3.3 V Buck Converter. Connect to output sense point in fixed output mode. Connect to
an external resistor divider in adjustable output mode.
18
CS3
Current Sense Input for the Top N-Channel MOSFET of the 3.3 V Buck Converter. CS3 should be connected to
the drain of the N-channel MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com