Electronic Components Datasheet Search
  English  ▼

X  

ADP3025 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP3025
Description  High Efficiency Dual Output Power Supply Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3025 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP3025 Datasheet HTML 6Page - Analog Devices ADP3025 Datasheet HTML 7Page - Analog Devices ADP3025 Datasheet HTML 8Page - Analog Devices ADP3025 Datasheet HTML 9Page - Analog Devices ADP3025 Datasheet HTML 10Page - Analog Devices ADP3025 Datasheet HTML 11Page - Analog Devices ADP3025 Datasheet HTML 12Page - Analog Devices ADP3025 Datasheet HTML 13Page - Analog Devices ADP3025 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADP3025
Rev. A | Page 10 of 24
200
250
300
350
400
010
20
30
40
50
60
70
AMBIENT TEMPERATURE (°C)
CLSET = GND
VIN = 5.5V TO 25V
Figure 10. Current Limit Threshold vs. Temperature
784
788
792
796
800
804
808
812
816
0
10
2030
40
5060
70
AMBIENT TEMPERATURE (°C)
Figure 11. Reference Output vs. Temperature
Figure 12. Soft Start Sequencing
Figure 13. Load Transient Response—1 A to 3 A
Figure 14. Load Transient Response—3 A to 1 A
Figure 15. VIN = 7.5 V to 22 V Transient, 2.5 V Output, CH1—Input Voltage,
CH2—Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com