Electronic Components Datasheet Search
  English  ▼

X  

ADP3025 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3025
Description  High Efficiency Dual Output Power Supply Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3025 Datasheet(HTML) 3 Page - Analog Devices

  ADP3025 Datasheet HTML 1Page - Analog Devices ADP3025 Datasheet HTML 2Page - Analog Devices ADP3025 Datasheet HTML 3Page - Analog Devices ADP3025 Datasheet HTML 4Page - Analog Devices ADP3025 Datasheet HTML 5Page - Analog Devices ADP3025 Datasheet HTML 6Page - Analog Devices ADP3025 Datasheet HTML 7Page - Analog Devices ADP3025 Datasheet HTML 8Page - Analog Devices ADP3025 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADP3025
Rev. A | Page 3 of 24
SPECIFICATIONS1
Table 1. TA = 0°C to 70°C, VIN = 12 V, SS5 = SS3 = INTVCC, INTVCC Load = 0 mA, REF Load = 0 mA, SYNC = 0 V,
SD = 5 V, unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INTERNAL 5 V REGULATOR
INTVCC
Input Voltage Range
5.5
25
V
Output Voltage
TA = 25°C
4.95
5.02
5.15
V
Line Regulation
5.5 V ≤ VIN ≤ 25 V
1.0
mV/V
Total Variation
Full VIN and temperature range
4.8
5.2
V
VIN Undervoltage Lockout
VUVLO
INTVCC falling
Threshold Voltage
4.05
4.25
4.5
V
Hysteresis
270
mV
REFERENCE
Output Voltage2
REF
5.5 V ≤ VIN ≤ 25 V
784
800
816
mV
SUPPLY
IQ
Shutdown Current
5.5 V ≤ VIN ≤ 25 V, SD= 0 V
19
70
µA
Standby Current
SS3 = SS5 = COMP2/SD2 = 0 V, SD = 5 V
120
200
µA
Quiescent Current
No loads, SS3 = SS5 = COMP2/SD2 = 4 V,
FB5 = 810 mV, FB3 = 810 mV, FB2 = 810 mV,
ADJ/FX5 = ADJ/FX3 = 5 V
1.3
1.9
mA
OSCILLATOR
Frequency
fOSC
SYNC = AGND, 5.5 V ≤ VIN ≤ 25 V
175
210
245
kHz
SYNC = INTVCC, 5.5 V ≤ VIN ≤ 25 V
250
300
350
kHz
SYNC Input
Frequency Range
230
350
kHz
Input Low Voltage3
tF ≤ 200 ns
0.4
V
Input High Voltage3
tR ≤ 200 ns
2.8
V
Input Current
SYNC = 5 V
0.5
µA
POWER GOOD
PWRGD
Output Voltage in Regulation
10 kΩ pull-up to 5 V
4.8
V
Output Voltage out of Regulation
10 kΩ pull-up to 5 V, FB5 < 90% of nominal
output value
0.4
V
PWRGD Trip Threshold
FB5 rising; with respect to nominal output
–6.0
–3.7
–1.5
%
PWRGD Hysteresis
FB5 falling; with respect to nominal output
4
%
CPOR Pull-Up Current
CPOR = 1.2 V
–3.0
–1
–0.3
µA
ERROR AMPLIFIER
DC Gain3
47
dB
Gain-Bandwidth Product3
GBW
10
MHz
Input Leakage Current
IEAN
ADJ/FX5 = ADJ/FX3 = 5 V
200
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com