Electronic Components Datasheet Search
  English  ▼

X  

LMH6683 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6683
Description  190MHz Single Supply, Dual and Triple Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6683 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMH6683 Datasheet HTML 2Page - National Semiconductor (TI) LMH6683 Datasheet HTML 3Page - National Semiconductor (TI) LMH6683 Datasheet HTML 4Page - National Semiconductor (TI) LMH6683 Datasheet HTML 5Page - National Semiconductor (TI) LMH6683 Datasheet HTML 6Page - National Semiconductor (TI) LMH6683 Datasheet HTML 7Page - National Semiconductor (TI) LMH6683 Datasheet HTML 8Page - National Semiconductor (TI) LMH6683 Datasheet HTML 9Page - National Semiconductor (TI) LMH6683 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
±5V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, V
+ = 5V, V− = −5V, V
O =VCM = 0V, and RL = 100
Ω to 0V,
R
F = 510
Ω. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 9)
Typ
(Note 8)
Max
(Note 9)
Units
Static, DC Performance
I
S
Supply Current (per channel)
No load
6.5
9.5
11
mA
Miscellaneous Performance
V
O
Output Swing
High
R
L =2k
Ω to 0V
4.10
3.80
4.25
V
R
L = 150
Ω to 0V
3.90
3.70
4.20
R
L =75
Ω to 0V
3.75
3.50
4.18
Output Swing
Low
R
L =2k
Ω to 0V
−4.19
−4.07
−3.80
mV
R
L = 150
Ω to 0V
−4.05
−3.89
−3.65
R
L =75
Ω to 0V
−4.00
−3.70
−3.50
I
OUT
Output Current
V
O = 1V from either supply rail
±45
+85/−80
mA
I
SC
Output Short Circuit Current
(Note 5) , (Note 6),(Note 10)
Sourcing to 0V
−120
−100
−180
mA
Sinking from 0V
120
100
230
R
IN
Common Mode Input
Resistance
4
M
Ω
C
IN
Common Mode Input
Capacitance
1.6
pF
R
OUT
Output Resistance Closed
Loop
f = 1kHz, A = +2, R
L =50
Ω
0.02
Ω
f = 1MHz, A = +2, R
L =50
Ω
0.12
Note 1: Absolute maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5k
Ω in series with 100pF.
Note 3: Machine Model, 0
Ω in series with 200pF.
Note 4: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150˚C.
Note 5: Short circuit test is a momentary test. See next note.
Note 6: Output short circuit duration is infinite for VS < 6V at room temperature and below. For VS > 6V, allowable short circuit duration is 1.5ms.
Note 7: The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX) -TA)/ θJA . All numbers apply for packages soldered directly onto a PC board.
Note 8: Typical values represent the most likely parametric norm.
Note 9: All limits are guaranteed by testing or statistical analysis.
Note 10: Positive current corresponds to current flowing into the device.
Note 11: Slew rate is the average of the rising and falling slew rates
Note 12: Offset Voltage average drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com