Electronic Components Datasheet Search
  English  ▼

X  

LMH6683 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6683
Description  190MHz Single Supply, Dual and Triple Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6683 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH6683 Datasheet HTML 1Page - National Semiconductor (TI) LMH6683 Datasheet HTML 2Page - National Semiconductor (TI) LMH6683 Datasheet HTML 3Page - National Semiconductor (TI) LMH6683 Datasheet HTML 4Page - National Semiconductor (TI) LMH6683 Datasheet HTML 5Page - National Semiconductor (TI) LMH6683 Datasheet HTML 6Page - National Semiconductor (TI) LMH6683 Datasheet HTML 7Page - National Semiconductor (TI) LMH6683 Datasheet HTML 8Page - National Semiconductor (TI) LMH6683 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LMH6682/6683
190MHz Single Supply, Dual and Triple Operational
Amplifiers
General Description
The LMH6682 and LMH6683 are high speed operational
amplifiers designed for use in modern video systems. These
single supply monolithic amplifiers extend National’s feature-
rich, high value video portfolio to include a dual and a triple
version. The important video specifications of differential
gain (± 0.01% typ.) and differential phase (±0.08 degrees)
combined with an output drive current in each amplifier of
85mA make the LMH6682 and LMH6683 excellent choices
for a full range of video applications.
Voltage feedback topology in operational amplifiers assures
maximum flexibility and ease of use in high speed amplifier
designs. The LMH6682/83 is fabricated in National Semicon-
ductor’s VIP10 process. This advanced process provides a
superior ratio of speed to quiescient current consumption
and assures the user of high-value amplifier designs. Ad-
vanced technology and circuit design enables in these am-
plifiers a −3db bandwidth of 190MHz, a slew rate of 940V/
µsec, and stability for gains of less than −1 and greater than
+2.
The input stage design of the LM6682/83 enables an input
signal range that extends below the negative rail. The output
stage voltage range reaches to within 0.8V of either rail
when driving a 2k
Ω load. Other attractive features include
fast settling and low distortion. Other applications for these
amplifiers include servo control designs. These applications
are sensitive to amplifiers that exhibit phase reversal when
the inputs exceed the rated voltage range. The LMH6682/83
amplifiers are designed to be immune to phase reversal
when the specified input range is exceeded. See applica-
tions section. This feature makes for design simplicity and
flexibility in many industrial applications.
The LMH6682 dual operational amplifier is offered in minia-
ture surface mount packages, SOIC-8, and MSOP-8. The
LMH6683 triple amplifier is offered in SOIC-14 and TSSOP-
14.
Features
V
S = ±5V, TA = 25˚C, RL = 100
Ω, A = +2 (Typical values
unless specified)
n
DG error
0.01%
n
DP error
0.08˚
n
−3dB BW (A = +2)
190MHz
n
Slew rate (V
S = ±5V)
940V/µs
n
Supply current
6.5mA/amp
n
Output current
+80/−90mA
n
Input common mode voltage 0.5V beyond V
−, 1.7V from
V
+
n
Output voltage swing (R
L =2k
Ω)
0.8V from rails
n
Input voltage noise (100KHz)
12nV/
Applications
n
CD/DVD ROM
n
ADC buffer amp
n
Portable video
n
Current sense buffer
n
Portable communications
Connection Diagrams
SOIC-8/MSOP-8 (LMH6682)
SOIC-14/TSSOP-14 (LMH6683)
20059002
Top View
20059003
Top View
November 2002
© 2002 National Semiconductor Corporation
DS200590
www.national.com


Similar Part No. - LMH6683

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6683 TI1-LMH6683 Datasheet
1Mb / 30P
190MHz Single Supply, Dual and Triple Operational Amplifiers
LMH6683 TI1-LMH6683 Datasheet
1Mb / 30P
Single Supply, Dual and Triple Operational Amplifiers
LMH6683 TI1-LMH6683 Datasheet
1Mb / 31P
LMH6682/6683 190MHz Single Supply, Dual and Triple Operational Amplifiers
LMH6683MA/NOPB TI1-LMH6683MA/NOPB Datasheet
1Mb / 31P
LMH6682/6683 190MHz Single Supply, Dual and Triple Operational Amplifiers
logo
National Semiconductor ...
LMH6683MANOPB NSC-LMH6683MANOPB Datasheet
1Mb / 30P
190MHz Single Supply, Dual and Triple Operational Amplifiers
More results

Similar Description - LMH6683

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
logo
National Semiconductor ...
LMH6682 NSC-LMH6682_14 Datasheet
1Mb / 30P
190MHz Single Supply, Dual and Triple Operational Amplifiers
logo
Texas Instruments
LMH6682 TI1-LMH6682 Datasheet
1Mb / 30P
Single Supply, Dual and Triple Operational Amplifiers
LMH6683 TI1-LMH6683 Datasheet
1Mb / 30P
190MHz Single Supply, Dual and Triple Operational Amplifiers
LMH6704 TI1-LMH6704 Datasheet
944Kb / 20P
190MHz Single Supply, Dual and Triple Operational Amplifiers
LMH6682 TI1-LMH6682_15 Datasheet
1Mb / 31P
LMH6682/6683 190MHz Single Supply, Dual and Triple Operational Amplifiers
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com