Electronic Components Datasheet Search
  English  ▼

X  

LMH6683 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6683
Description  190MHz Single Supply, Dual and Triple Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6683 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMH6683 Datasheet HTML 12Page - National Semiconductor (TI) LMH6683 Datasheet HTML 13Page - National Semiconductor (TI) LMH6683 Datasheet HTML 14Page - National Semiconductor (TI) LMH6683 Datasheet HTML 15Page - National Semiconductor (TI) LMH6683 Datasheet HTML 16Page - National Semiconductor (TI) LMH6683 Datasheet HTML 17Page - National Semiconductor (TI) LMH6683 Datasheet HTML 18Page - National Semiconductor (TI) LMH6683 Datasheet HTML 19Page - National Semiconductor (TI) LMH6683 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Applications Section
LARGE SIGNAL BEHAVIOR
Amplifying high frequency signals with large amplitudes (as
in video applications) has some special aspects to look after.
The bandwidth of the Op Amp for large amplitudes is less
than the small signal bandwidth because of slew rate limita-
tions. While amplifying pulse shaped signals the slew rate
properties of the OpAmp become more important at higher
amplitude ranges. Due to the internal structure of an Op Amp
the output can only change with a limited voltage difference
per time unit (dV/dt). This can be explained as follows: To
keep it simple, assume that an Op Amp consists of two parts;
the input stage and the output stage. In order to stabilize the
Op Amp, the output stage has a compensation capacitor in
its feedback path. This Miller C integrates the current from
the input stage and determines the pulse response of the Op
Amp. The input stage must charge/discharge the feedback
capacitor, as can be seen in Figure 1.
When a voltage transient is applied to the non inverting input
of the Op Amp, the current from the input stage will charge
the capacitor and the output voltage will slope up. The
overall feedback will subtract the gradually increasing output
voltage from the input voltage. The decreasing differential
input voltage is converted into a current by the input stage
(Gm).
I*
∆t=C*∆V
(1)
∆V/∆t = I/C
(2)
I=
∆V*Gm
(3)
where I = current
t = time
C = capacitance
V = voltage
Gm = transconductance
Slew rate
∆V/∆t = volt/second
In most amplifier designs the current I is limited for high
differential voltages (Gm becomes zero). The slew rate will
than be limited as well:
∆V/∆t = Imax/C
(4)
The LMH6682/83 has a different setup of the input stage. It
has the property to deliver more current to the output stage
when the input voltage is higher (class AB input). The current
into the Miller capacitor exhibits an exponential character,
while this current in other Op Amp designs reaches a satu-
ration level at high input levels: (see Figure 2)
This property of the LMH6682/83 guaranties a higher slew
rate at higher differential input voltages.
∆V/∆t= ∆V*Gm/C
(5)
In Figure 3 one can see that a higher transient voltage than
will lead to a higher slew rate.
HANDLING VIDEO SIGNALS
When handling video signals, two aspects are very important
especially when cascading amplifiers in a NTSC- or PAL
video system. A composite video signal consists of both
amplitude and phase information. The amplitude represents
saturation while phase determines color (color burst is
3.59MHz for NTSC and 4.58MHz for PAL systems). In this
case it is not only important to have an accurate amplification
of the amplitude but also it is important not to add a varying
phase shift to the video signals. It is a known phenomena
that at different dc levels over a certain load the phase of the
amplified signal will vary a little bit. In a video chain many
amplifiers will be cascaded and all errors will be added
together. For this reason, it is necessary to have strict re-
quirements for the variation in gain and phase in conjunction
to different dc levels. As can be seen in the tables the
number for the differential gain for the LMH6682/83 is only
0.01% and for the differential phase it is only 0.08˚ at a
supply voltage of ±5V. Note that the phase is very depen-
20059060
FIGURE 1.
20059061
FIGURE 2.
20059062
FIGURE 3.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com