Electronic Components Datasheet Search
  English  ▼

X  

CH7002D Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # CH7002D
Description  Scalable VGA to NTSC/PAL Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CH7002D Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button CH7002D Datasheet HTML 17Page - List of Unclassifed Manufacturers CH7002D Datasheet HTML 18Page - List of Unclassifed Manufacturers CH7002D Datasheet HTML 19Page - List of Unclassifed Manufacturers CH7002D Datasheet HTML 20Page - List of Unclassifed Manufacturers CH7002D Datasheet HTML 21Page - List of Unclassifed Manufacturers CH7002D Datasheet HTML 22Page - List of Unclassifed Manufacturers CH7002D Datasheet HTML 23Page - List of Unclassifed Manufacturers CH7002D Datasheet HTML 24Page - List of Unclassifed Manufacturers CH7002D Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
CHRONTEL
CH7002D
201-0000-029 Rev 6.1, 8/2/99
21
followed by a DAB, must be produced by the master before each of the RAB, and before each of the data read
events. Two consecutive alternating read cycles are shown in Figure 22.
Figure 22: Alternate Read Mode
If AutoInc = 1, then the address register will be incremented automatically and subsequent data bytes can be read
from successive registers, without providing a second RAB.
Figure 23: Auto-increment Read Mode
When the auto-increment mode is enabled (AutoInc is set to 1), the Address Register will continue incrementing for
each read cycle. When the content of the Address Register reaches 0Bh, it will wrap around and start from 00h
again. The auto increment sequence can be terminated by either a “STOP” or “RESTART” condition. The read
operation can be terminated with a “STOP” condition. Figure 23 shows an auto-increment read cycle terminated by
a STOP or RESTART condition.
SD
SC
1 - 8
RAB 1
9
10
ACK
Restart
Condition
Start
Condition
Stop
Condition
Master does
not acknowledge
1 - 7
Device
8
R/W*
9
ACK
CH7002
acknowledge
CH7002
acknowledge
1 - 8
Data 1
9
ACK
1 - 7
Device
8
R/W*
9
ACK
CH7002
acknowedge
I2C
I2C
10
Restart
Condition
1 - 8
RAB 2
9
10
ACK
Restart
Condition
1 - 7
Device
ID
8
R/W*
9
ACK
CH7002
acknowledge
CH7002
1 - 8
Data 2
9
ACK
1 - 7
Device
ID
8
R/W*
9
ACK
CH7002
acknowledge
I2C
I2C
Master
does not
acknowledge
acknowledge
Master
acknowledge
SD
SC
1 - 8
RAB n
9
10
ACK
Restart
Condition
Start
Condition
Stop
Condition
Master does
not acknowledge
just before Stop
condition
1 - 7
Device
8
R/W*
9
ACK
CH7002
acknowledge
CH7002
1 - 8
Data n
9
ACK
1 - 7
Device
8
R/W*
9
ACK
CH7002
acknowledge
1 - 8
Data
n+1
9
ACK
I2C
I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com