Electronic Components Datasheet Search
  English  ▼

X  

CH7002D Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # CH7002D
Description  Scalable VGA to NTSC/PAL Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CH7002D Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button CH7002D Datasheet HTML 8Page - List of Unclassifed Manufacturers CH7002D Datasheet HTML 9Page - List of Unclassifed Manufacturers CH7002D Datasheet HTML 10Page - List of Unclassifed Manufacturers CH7002D Datasheet HTML 11Page - List of Unclassifed Manufacturers CH7002D Datasheet HTML 12Page - List of Unclassifed Manufacturers CH7002D Datasheet HTML 13Page - List of Unclassifed Manufacturers CH7002D Datasheet HTML 14Page - List of Unclassifed Manufacturers CH7002D Datasheet HTML 15Page - List of Unclassifed Manufacturers CH7002D Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
CHRONTEL
CH7002D
12
201-0000-029 Rev6.1, 8/2/99
NTSC and PAL Operation
Composite and S-Video outputs are supported in either NTSC or PAL format.
The general parameters used to
characterize these outputs are listed in Table 4 and shown in Figure 8. (See Figures 9 through 16 for illustrations of
composite and S-Video output waveforms.)
Notes: For this table and all subsequent figures: RSET = 324 ohms; V(RSET) = 1.235 V; 75 ohms doubly terminated
load (BLR=61 for NTSC, and BLR=52 for PAL), 100% amplitude, 100% saturation bars are shown (100%=0.66071V).
1 Durations vary slightly in different modes due to the different clock frequencies used.
2 Active video times vary greatly due to different scaling ratios used in different modes.
3 Black times (F and H) vary with position controls.
Figure 8: NTSC / PAL Composite Output
Table 4. NTSC/PAL Composite Output Timing Parameters (in
µS)
Symbol
Description
Level (mV)
Duration (uS)
NTSC
PAL
NTSC
PAL
A
Front Porch
310
310
1.49 - 1.52
1.50 - 1.78
B
Horizontal Sync
24
24
4.69 - 4.72
4.43 - 4.73
C
Breezeway
310
310
0.60
0.57 - 0.60
D
Color Burst
310
310
2.48 - 2.50
2.33 - 2.52
E
Back Porch
310
310
1.60
1.50 - 1.60
F
Black
363
310
0.92 - 3.64
0.00 - 4.24
G
Active Video
363-1030
310-977
45.40 - 50.84
45.20 - 53.00
H
Black
363
310
0.92 - 3.64
0.00 - 4.24
A
B
C
D
E
F
G
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com