Electronic Components Datasheet Search
  English  ▼

X  

CH7002D Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # CH7002D
Description  Scalable VGA to NTSC/PAL Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CH7002D Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button CH7002D Datasheet HTML 22Page - List of Unclassifed Manufacturers CH7002D Datasheet HTML 23Page - List of Unclassifed Manufacturers CH7002D Datasheet HTML 24Page - List of Unclassifed Manufacturers CH7002D Datasheet HTML 25Page - List of Unclassifed Manufacturers CH7002D Datasheet HTML 26Page - List of Unclassifed Manufacturers CH7002D Datasheet HTML 27Page - List of Unclassifed Manufacturers CH7002D Datasheet HTML 28Page - List of Unclassifed Manufacturers CH7002D Datasheet HTML 29Page - List of Unclassifed Manufacturers CH7002D Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
CHRONTEL
CH7002D
26
201-0000-029 Rev6.1, 8/2/99
The Connection Detect Register provides a means to sense the connection of a TV to either S-Video or composite
video outputs. The status bits, Y, C, and CVBS, correspond to both the DAC outputs for S-Video (Y and C outputs)
and composite video (CVBS). However, the values contained in these status bits ARE NOT VALID until a sensing
procedure is performed. Using this register requires a sequence of events to enable the sensing of outputs, then
reading out the applicable status bits. The detection sequence works as follows:
1. Set the SENSE bit to a 1. This forces a constant current output onto the Y, C, and CVBS outputs. Note that
during SENSE = 1, these 3 analog outputs are at steady state and no TV synchronization pulses are asserted.
2. Reset the SENSE bit to 0. This triggers a comparison between the voltage sensed on these analog outputs
and the reference value expected (Vthreshold = 1.235V). If the measured voltage is below this threshold
value, it is considered connected. If it is above this voltage, it is considered unconnected. During this step,
each of the three status bits corresponding to individual analog outputs will be set if they are NOT
CONNECTED.
3. Read the status bits. The status bits, Y, C, and CVBS (corresponding to S-Video Y and C outputs and
composite video) now contain valid information which can be read to determine which outputs are
connected to a TV. Again, a “0” indicates a valid connection, a “1” indicates an unconnected output.
Test Register
Symbol: TR
Address: 0AH
Bits: 8
The Test Register contains 8 bits which are reserved for implementing patterns and measurements for tests. Writing
a logical one into each bit, in this register, places the chip in a specific test mode. These test modes are not
documented for use herein, since they are used only for manufacturing test.
Address Register
Symbol: AR
Address: 0BH
Bits: 4
The Address Register points to the register currently being accessed.
Since the most significant four bits of all
addresses are zero, this register contains only the four least significant bits, AR[3:0].
Bit:
7
6
5
4
3
2
1
0
Symbol:
T7
T6
T5
T4
T3
T2
T1
T0
Type:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default:
0
0
0
0
0
0
0
0
Bit:
7
6
5
4
3
2
1
0
Symbol:
AR3
AR2
AR1
AR0
Type:
R/W
R/W
R/W
R/W
Default:
0
0
0
0
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com