Electronic Components Datasheet Search
  English  ▼

X  

CS7808-CM Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS7808-CM
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808-CM Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS7808-CM Datasheet HTML 14Page - Cirrus Logic CS7808-CM Datasheet HTML 15Page - Cirrus Logic CS7808-CM Datasheet HTML 16Page - Cirrus Logic CS7808-CM Datasheet HTML 17Page - Cirrus Logic CS7808-CM Datasheet HTML 18Page - Cirrus Logic CS7808-CM Datasheet HTML 19Page - Cirrus Logic CS7808-CM Datasheet HTML 20Page - Cirrus Logic CS7808-CM Datasheet HTML 21Page - Cirrus Logic CS7808-CM Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
CS7808
18
3. FUNCTIONAL DESCRIPTION
3.1
Block Diagram
The CS7808 block diagram is shown in Figure 14.
3.2
CS7808 Device Details
3.2.1
RISC-32 Processors
•
Two Powerful 32-bit RISC processors (RISC0 and
RISC1)
•
Virtual memory support
•
Optimizing C compiler
•
Big or little endian data formats support
•
MAC multiply/accumulate in 2 cycles with C support
•
4 Kbyte instruction cache, 2 Kbyte data cache
•
Single cycle instructions, runs at 81 Mhz
3.2.2
Powerful 32-Bit DSP
•
Powerful 32/24-bit DSP processor
•
24-bit fixed point logic, with 54-bit accumulator
•
Single-cycle throughput, 2-cycle latency multiply
accumulate, 34-bit simple integer logic
•
8-Kbyte instruction cache, 8-Kbyte program visible
local memory
•
Single cycle instructions, runs at 81 Mhz
3.2.3
System Controls
•
Includes several hardware lockable semaphore
registers
•
General-purpose register for inter-processor com-
munication
•
32-bit timers for I/O and other uses, with program-
mable interval rates
•
Both hardware and software interrupts on data or
debug
RISC0
(Navigation &
Control)
PLL (Main,
Audio, SDRAM)
MPEG2 Video
Decoder
2/4/8 Bit OSD
Video Processor
(I/O, Scale, PIP, Mix)
SubPicture
Decoder
RISC1
(Application)
AC '97
CODEC
Interface
PCM, SPDIF
Interface
AUDIO DSP
DMA Control
(BitBlt, CSS)
Mem Control
(SDRAM,ROM)
Host Interface
(ATAPI,AV,ISA)
External IO
(GPIO, IR)
Registers
I2C
(Debug Port)
Figure 14. CS7808 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com