Electronic Components Datasheet Search
  English  ▼

X  

CS7808-CM Datasheet(PDF) 48 Page - Cirrus Logic

Part # CS7808-CM
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808-CM Datasheet(HTML) 48 Page - Cirrus Logic

Back Button CS7808-CM Datasheet HTML 44Page - Cirrus Logic CS7808-CM Datasheet HTML 45Page - Cirrus Logic CS7808-CM Datasheet HTML 46Page - Cirrus Logic CS7808-CM Datasheet HTML 47Page - Cirrus Logic CS7808-CM Datasheet HTML 48Page - Cirrus Logic CS7808-CM Datasheet HTML 49Page - Cirrus Logic CS7808-CM Datasheet HTML 50Page - Cirrus Logic CS7808-CM Datasheet HTML 51Page - Cirrus Logic CS7808-CM Datasheet HTML 52Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
CS7808
48
6.10
General Purpose Input/Output (GPIO)
The CS7808 provides 37 GPIO pins, each with individual output High-Z controls. High-Z means that the
output driver is turned off or placed in the high-impedance state. Table 25 describes the General Purpose
I/O Interface. Additional pins may also be re-defined as GPIO’s.
Pin
Signal Name
Type
Description
26,17,4,12,8,
150, 151, 152,
155, 65, 69, 73,
77, 61, 57, 50,
47, 43, 39, 34,
30
GPIO_D[20:0]
B
21 General purpose I/O’s
98, 94, 89
GPIO_H[16:14]
B
3 General purpose I/O’s
149
GPIO_V10
B
General purpose I/O
199, 197, 196,
195, 194, 192
GPIO_[15:10]
B
6 General purpose I/O’s
190, 188
GPIO_[8:7]
B
2 General purpose I/O’s
195, 183, 181
GPIO_[4:2]
B
3 General purpose I/O’s
174
GPIO_0
B
General purpose I/O
Table 25. General Purpose I/O Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com