Electronic Components Datasheet Search
  English  ▼

X  

CS7808-CM Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS7808-CM
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808-CM Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS7808-CM Datasheet HTML 29Page - Cirrus Logic CS7808-CM Datasheet HTML 30Page - Cirrus Logic CS7808-CM Datasheet HTML 31Page - Cirrus Logic CS7808-CM Datasheet HTML 32Page - Cirrus Logic CS7808-CM Datasheet HTML 33Page - Cirrus Logic CS7808-CM Datasheet HTML 34Page - Cirrus Logic CS7808-CM Datasheet HTML 35Page - Cirrus Logic CS7808-CM Datasheet HTML 36Page - Cirrus Logic CS7808-CM Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
33
CS7808
6. PIN DESCRIPTION
Table 15 lists the conventions used to identify the pin type and direction.
Pin Type
Direction
I
Input
IS
Input, with schmitt trigger
ID
Input, with pull down resistor
IU
Input, with pull up resistor
OOutput
O4
Output – 4mAdrive
O8
Output – 8mAdrive
T4
High-Z Output – 4mA drive
B
Bi-direction
B4
Bi-direction – 4mAdrive
B4U
Bi-direction – 4mAdrive,withpull-up
B8U
Bi-direction – 8mAdrive,withpull-up
B4S
Bi-direction – 4 mA drive, with schmitt trigger
B4SU
Bi-direction – 4 mA drive, with pull-up and Schmitt trigger
Pwr
+2.5 V or +3.3 V power supply voltage
Gnd
Power supply ground
Name_N
Low active
Table 15. Pin Type Legend
H_D[15:0]
H_CS [3:0]
H_A[4:0]
H_ALE
H_RD
H_W R
H_CKO
H_RDY
VIN_ D[7:0]
V IN_HSNC
VIN_V SNC
VIN_CLK
VIN_FLD
M_A[11:0]
M_BS_N
M_D[31:0]
M _DQM _[3:0]
M_RAS_N
M_CAS_N
M_W E_N
M_AP
M_CKE
M_CKO
NVR_OE _N
NV R_W R_N
HS YNC
VSY NC
CLK27_O
VDAT[7:0]
AUD_BCK
AUD_LRCK
AUD_DO [3:0]
AIN_BCK
AIN_LRCK
AIN_DATA
CDC_DI
CDC_DO
CDC_RST
CDC_CK
CDC_SY
GPIO
_
D[20-0]
IR_IN
MFG _TS T
XTLCLOCK
RST_N
CS7808
Host Interface
(30)
Video In
(12)
Mem ory IF
(57)
Video out
(11)
DAC O ut
(7)
MISC.
(41)
CODEC IF
(5)
ADC In
(3)
SPDIF_O
GPIO
_
H[16-14]
GP IO_V10
GPIO_[15-10, 8-7, 4-2, 0]
SCL
SDA
Figure 15. CS7808 Pinouts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com