Electronic Components Datasheet Search
  English  ▼

X  

VLMS20 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLMS20
Description  Low Current Mini SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS20 Datasheet(HTML) 1 Page - Vishay Siliconix

  VLMS20 Datasheet HTML 1Page - Vishay Siliconix VLMS20 Datasheet HTML 2Page - Vishay Siliconix VLMS20 Datasheet HTML 3Page - Vishay Siliconix VLMS20 Datasheet HTML 4Page - Vishay Siliconix VLMS20 Datasheet HTML 5Page - Vishay Siliconix VLMS20 Datasheet HTML 6Page - Vishay Siliconix VLMS20 Datasheet HTML 7Page - Vishay Siliconix VLMS20 Datasheet HTML 8Page - Vishay Siliconix VLMS20 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
VLMS20.., VLMK20.., VLMO20.., VLMY20.., VLMP20..
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 28-Nov-14
1
Document Number: 81339
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Low Current Mini SMD LED
DESCRIPTION
The new low current MiniLED Series have been designed in
a small white SMT package. The feature of the device is the
very small package 2.3 mm x 1.3 mm x 1.4 mm and the low
forward current. The MiniLED is an obvious solution for
small-scale, high-power products that are expected to work
reliability in an arduous environment. This is often the case
in automotive and industrial application.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD MiniLED
• Product series: low current
• Angle of half intensity: ± 60°
FEATURES
• SMD LED with exceptional brightness
• Luminous intensity categorized
• Compatible
with
automatic
placement
equipment
• Available in 8 mm tape
• Low profile package
• Non-diffused lens: excellent for coupling to
light pipes and backlighting
• Low power consumption
• IR reflow soldering according to J-STD-020
• Luminous
intensity
ratio
in
one
packaging
unit
IVmax./IVmin.
≤ 1.6
• Preconditioning according to JEDEC® level 2a
• ESD-withstand voltage: up to 2 kV according to
JESD22-A114-B
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive: backlighting in dashboards and switches
• Telecommunication:
indicator
and
backlighting
in
telephone and fax
• Indicator and backlight for audio and video equipment
• Indicator and backlight in office equipment
• Flat backlight for LCDs, switches, and symbols
19226
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP. MAX.
MIN.
TYP. MAX.
MIN.
TYP. MAX.
VLMS2000-GS08
Super red
2.24
4.5
-
2
-
630
-
2
-
1.8
2.2
2
AllnGaP on GaAs
VLMS20H2K1-GS08
Super red
3.55
-
9
2
-
630
-
2
-
1.8
2.2
2
AllnGaP on GaAs
VLMS20H2L1-GS08
Super red
3.55
-
14
2
-
630
-
2
-
1.8
2.2
2
AllnGaP on GaAs
VLMS20J2K2-GS08
Super red
5.6
-
11.2
2
-
630
-
2
-
1.8
2.2
2
AllnGaP on GaAs
VLMS20J2L1-GS08
Super red
5.6
-
14
2
-
630
-
2
-
1.8
2.2
2
AllnGaP on GaAs
VLMK20J2L1-GS08
Amber
5.6
-
14
2
612
622
624
2
-
1.8
2.2
2
AllnGaP on GaAs
VLMK20J2L2-GS08
Amber
5.6
-
18
2
612
622
624
2
-
1.8
2.2
2
AllnGaP on GaAs
VLMK2000-GS08
Amber
7.1
16
-
2
612
622
624
2
-
1.8
2.2
2
AllnGaP on GaAs
VLMK20K1L2-GS08
Amber
7.1
-
18
2
612
622
624
2
-
1.8
2.2
2
AllnGaP on GaAs
VLMO2000-GS08
Soft orange
4.5
9
-
2
598
605
611
2
-
1.8
2.2
2
AllnGaP on GaAs
VLMO20J2M1-GS08
Soft orange
5.6
-
22.4
2
598
605
611
2
-
1.8
2.2
2
AllnGaP on GaAs
VLMO20K1L2-34-GS08 Soft orange
7.1
-
18
2
602
-
607
2
-
1.8
2.2
2
AllnGaP on GaAs
VLMO20K2L2-35-GS08 Soft orange
9
-
18
2
602
-
609
2
-
1.8
2.2
2
AllnGaP on GaAs
VLMY2000-GS08
Yellow
3.55
7.1
-
2
581
588
594
2
-
1.8
2.2
2
AllnGaP on GaAs
VLMY20J1L2-GS08
Yellow
4.5
-
18
2
581
588
594
2
-
1.8
2.2
2
AllnGaP on GaAs
VLMY20K1L2-GS08
Yellow
7.1
-
18
2
581
588
594
2
-
1.8
2.2
2
AllnGaP on GaAs
VLMP20D2G1-GS08
Pure green
0.56
-
2.24
2
555
-
565
2
-
1.8
2.2
2
AllnGaP on GaAs


Similar Part No. - VLMS20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMS20 VISHAY-VLMS20 Datasheet
350Kb / 11P
Low Current Mini SMD LED
20-Sep-2021
VLMS20 VISHAY-VLMS20 Datasheet
347Kb / 11P
Low Current Mini SMD LED
14-Sep-2022
VLMS20.. VISHAY-VLMS20.. Datasheet
347Kb / 11P
Low Current Mini SMD LED
14-Sep-2022
logo
HK TO-GRACE TECHNOLOGY ...
VLMS2000-GS08 TO-GRACE-VLMS2000-GS08 Datasheet
1Mb / 11P
Low Current Mini SMD LED
logo
Vishay Siliconix
VLMS2000-GS08 VISHAY-VLMS2000-GS08 Datasheet
350Kb / 11P
Low Current Mini SMD LED
20-Sep-2021
More results

Similar Description - VLMS20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMA3100 VISHAY-TLMA3100 Datasheet
77Kb / 6P
Low Current SMD LED
04-Feb-99
TLMC3100 VISHAY-TLMC3100 Datasheet
58Kb / 6P
Low Current SMD LED
06-Jun-00
TLMC3101 VISHAY-TLMC3101 Datasheet
78Kb / 6P
Low Current SMD LED
04-Feb-99
TLMT3100 VISHAY-TLMT3100 Datasheet
78Kb / 6P
Low Current SMD LED
04-Feb-99
VLMS3000-GS08 VISHAY-VLMS3000-GS08 Datasheet
158Kb / 9P
Low Current SMD LED
logo
HK TO-GRACE TECHNOLOGY ...
TLMO1000 TO-GRACE-TLMO1000 Datasheet
824Kb / 11P
Low Current 0603 SMD LED
VLMS2000-GS08 TO-GRACE-VLMS2000-GS08 Datasheet
1Mb / 11P
Low Current Mini SMD LED
VLMY10J2K2-4 TO-GRACE-VLMY10J2K2-4 Datasheet
736Kb / 8P
Low Current 0603 SMD LED
logo
Vishay Siliconix
VLMS20 VISHAY-VLMS20_V01 Datasheet
350Kb / 11P
Low Current Mini SMD LED
20-Sep-2021
VLMP20 VISHAY-VLMP20_V02 Datasheet
347Kb / 11P
Low Current Mini SMD LED
14-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com