Electronic Components Datasheet Search
  English  ▼

X  

VLMS20 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VLMS20
Description  Low Current Mini SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS20 Datasheet(HTML) 4 Page - Vishay Siliconix

  VLMS20 Datasheet HTML 1Page - Vishay Siliconix VLMS20 Datasheet HTML 2Page - Vishay Siliconix VLMS20 Datasheet HTML 3Page - Vishay Siliconix VLMS20 Datasheet HTML 4Page - Vishay Siliconix VLMS20 Datasheet HTML 5Page - Vishay Siliconix VLMS20 Datasheet HTML 6Page - Vishay Siliconix VLMS20 Datasheet HTML 7Page - Vishay Siliconix VLMS20 Datasheet HTML 8Page - Vishay Siliconix VLMS20 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
VLMS20.., VLMK20.., VLMO20.., VLMY20.., VLMP20..
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 28-Nov-14
4
Document Number: 81339
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Wavelengths are tested at a current pulse duration of 25 ms.
Note
• Luminous intensity is tested at a current pulse duration of 25 ms
and an accuracy of ± 11 %.
The above type numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped on each reel (there will be no mixing of two groups on
each reel).
In order to ensure availability, single brightness groups will not
be orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
in any one reel.
In order to ensure availability, single wavelength groups will not
be orderable.
COLOR CLASSIFICATION
GROUP
DOM. WAVELENGTH (nm)
SOFT ORANGE
YELLOW
AMBER
PURE GREEN
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
0
-
-
---
-
555
559
1
598
601
581
584
-
-
558
561
2
600
603
583
586
-
-
560
563
3
602
605
585
588
-
-
562
565
4
604
607
587
590
-
-
-
-
5
606
609
589
592
-
-
-
-
6
608
611
591
594
-
-
-
-
7
-
-
-
-
610
613
-
-
8
-
-
-
-
612
616
-
-
9
-
-
-
-
615
620
-
-
10
-
-
-
-
619
624
-
-
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LUMINOUS INTENSITY IV (mcd)
STANDARD
OPTIONAL
MIN.
MAX.
D
2
0.56
0.71
E
1
0.71
0.9
2
0.9
1.12
F
1
1.12
1.4
21.4
1.8
G
1
1.8
2.24
2
2.24
2.8
H
1
2.8
3.55
2
3.55
4.5
J
14.5
5.6
25.6
7.1
K
17.1
9
2
9
11.2
L
1
11.2
14
214
18
M
1
18
22.4
2
22.4
35.5
N
1
35.5
45
245
56
CROSSING TABLE
VISHAY
OSRAM
VLMS20H2K1
LSM67K-H2K1
VLMS20J2L1
LSM67K-J2L1
VLMS20H2L1
LSM67K-H2L1
VLMO20J2L1
LOM67K-J2L1
VLMO20J2M1
LOM67K-J2M1
VLMY20J1K2
LYM67K-J1K2
VLMY20K1L2
LYM67K-K1L2
VLMY20J1L2
LYM67K-J1L2
VLMP20D2G1
LPM67K-D2G1
VLMP20E2G1
LPM67K-E2G1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com