Electronic Components Datasheet Search
  English  ▼

X  

VLMS20 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # VLMS20
Description  Low Current Mini SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS20 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button VLMS20 Datasheet HTML 3Page - Vishay Siliconix VLMS20 Datasheet HTML 4Page - Vishay Siliconix VLMS20 Datasheet HTML 5Page - Vishay Siliconix VLMS20 Datasheet HTML 6Page - Vishay Siliconix VLMS20 Datasheet HTML 7Page - Vishay Siliconix VLMS20 Datasheet HTML 8Page - Vishay Siliconix VLMS20 Datasheet HTML 9Page - Vishay Siliconix VLMS20 Datasheet HTML 10Page - Vishay Siliconix VLMS20 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
VLMS20.., VLMK20.., VLMO20.., VLMY20.., VLMP20..
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 28-Nov-14
10
Document Number: 81339
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BAR CODE PRODUCT LABEL (example)
A. Type of component
B. Manufacturing plant
C. SEL - selection code (bin):
e.g.: J2 = code for luminous intensity group
4
= code for color group
D. Date code year / week
E. Day code (e.g. 4: Thursday)
F. Batch no.
G. Total quantity
H. Company code
DRY PACKING
The reel is packed in an anti-humidity bag to protect the
devices from absorbing moisture during transportation and
storage.
FINAL PACKING
The sealed reel is packed into a cardboard box. A secondary
cardboard box is used for shipping purposes.
RECOMMENDED METHOF OF STORAGE
Dry box storage is recommended as soon as the aluminum
bag has been opened to prevent moisture absorption. The
following conditions should be observed, if dry boxes are
not available:
• Storage temperature 10 °C to 30 °C
• Storage humidity
≤ 60 % RH max.
After more than 672 h under these conditions moisture
content will be too high for reflow soldering.
In case of moisture absorption, the devices will recover to
the former condition by drying under the following condition:
192 h at 40 °C + 5 °C / - 0 °C and < 5 % RH (dry air/nitrogen)
or
96 h at 60 °C + 5 °C and < 5 % RH for all device containers
or
24 h at 100 °C + 5 °C not suitable for reel or tubes.
An EIA JEDEC standard JESD22-A112 level 2a label is
included on all dry bags.
Example of JESD22-A112 level 2a label
ESD PRECAUTION
Proper storage and handling procedures should be followed
to prevent ESD damage to the devices especially when they
are removed from the antistatic shielding bag. Electrostatic
sensitive devices warning labels are on the packaging.
VISHAY SEMICONDUCTORS STANDARD
BAR CODE LABELS
The Vishay Semiconductors standard bar code labels are
printed at final packing areas. The labels are on each
packing unit and contain Vishay Semiconductors specific
data.
106
37
VISHAY
A
H
BC
D
E
F
G
20146
Aluminum bag
Label
Reel
15973
L E V E L
CAUTION
This bag contains
MOISTURE –SENSITIVE DEVICES
1. Shelf life in sealed bag 12 months at <40°C and < 90% relative humidity (RH)
2. After this bag is opened devices that will be subjected to infrared reflow,
vapor-phase reflow, or equivalent processing (peak package body temp.
260°C) must be:
a)
Mounted within 672 hours at factory condition of < 30°C/60%RH or
b)
Stored at <10% RH.
3. Devices require baking before mounting if:
a)
Humidity Indicator Card is >10% when read at 23°C + 5°C or
b)
2a or 2b is not met.
4. If baking is required, devices may be baked for:
192 hours at 40°C + 5°C/-0°C and <5%RH (dry air/nitrogen)
or
96 hours at 60±5oCand <5%RH
For all device containers
or
24 hours at 100±5°C
Not suitable for reels or tubes
Bag Seal Date: ______________________________
(If blank, see bar code label)
Note: LEVEL defined by EIA JEDEC Standard JESD22-A113
2a
19786



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com