Electronic Components Datasheet Search
  English  ▼

X  

VLMW320 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMW320
Description  Available in 8 mm tape
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMW320 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMW320 Datasheet HTML 1Page - Vishay Siliconix VLMW320 Datasheet HTML 2Page - Vishay Siliconix VLMW320 Datasheet HTML 3Page - Vishay Siliconix VLMW320 Datasheet HTML 4Page - Vishay Siliconix VLMW320 Datasheet HTML 5Page - Vishay Siliconix VLMW320 Datasheet HTML 6Page - Vishay Siliconix VLMW320 Datasheet HTML 7Page - Vishay Siliconix VLMW320 Datasheet HTML 8Page - Vishay Siliconix VLMW320 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number 81213
Rev. 1.2, 30-Jul-08
Vishay Semiconductors
VLMW320.
For technical support, please contact: LED@vishay.com
Note:
1) T
amb = 25 °C, unless otherwise specified
2) Driving the LED in reverse direction is suitable for a short term application
Note:
1) T
amb = 25 °C, unless otherwise specified
2) In one Packing Unit I
Vmax./IVmin. ≤ 1.6
Note:
Luminous intensity is tested at a current pulse duration of 25 ms and
an accuracy of ± 11 %.
The above type numbers represent the order groups which include
only a few brightness groups. Only one group will be shipped on
each reel (there will be no mixing of two groups on each reel).
In order to ensure availability, single brightness groups will not be
orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped on
any one reel.
In order to ensure availability, single wavelength groups will not be
orderable.
ABSOLUTE MAXIMUM RATINGS 1) VLMW320.
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage 2)
VR
5V
DC Forward current
Tamb ≤ 65 °C
IF
30
mA
Surge forward current
tp ≤ 10 µs
IFSM
0.1
A
Power dissipation
PV
127
mW
Junction temperature
Tj
100
°C
Operating temperature
range
Tamb
- 40 to + 100
°C
Storage temperature
range
Tstg
- 40 to + 100
°C
Soldering temperature
t
≤ 5 s
Tsd
260
°C
Thermal resistance
junction/ambient
mounted on PC board
(pad design see page 6)
RthJA
270
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS 1) VLMW320., WHITE
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity 2)
IF = 30 mA
VLMW3200
IV
560
mcd
VLMW3201
IV
710
900
mcd
Chromaticity coordinate x, y
acc. to CIE 1931
IF = 30 mA
VLMW320.
x
y
0.33
0.33
Angle of half intensity
IF = 30 mA
ϕ
± 60
deg
Forward voltage
IF = 30 mA
VF
3.7
4.2
V
Reverse voltage
IR = 10 µA
VR
5V
Temperature coefficient of VF
IF = 20 mA
TCVF
- 4
mV/K
Temperature coefficient of IV
IF = 20 mA
TCIV
- 0.5
%/K
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (mcd)
STANDARD
MIN.
MAX.
U2
560
710
V1
710
900
V2
900
1120
AA
1120
1400
AB
1400
1800
BA
1800
2240
BB
2240
2800
CROSSING TABLE
VISHAY
OSRAM
NICHIA
VLMW3200
LWE67C-U2V2
NSCW021T
VLMW3201
LWE67C-V1V2
NSCW021T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com