Electronic Components Datasheet Search
  English  ▼

X  

VLMW320 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLMW320
Description  Available in 8 mm tape
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMW320 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLMW320 Datasheet HTML 1Page - Vishay Siliconix VLMW320 Datasheet HTML 2Page - Vishay Siliconix VLMW320 Datasheet HTML 3Page - Vishay Siliconix VLMW320 Datasheet HTML 4Page - Vishay Siliconix VLMW320 Datasheet HTML 5Page - Vishay Siliconix VLMW320 Datasheet HTML 6Page - Vishay Siliconix VLMW320 Datasheet HTML 7Page - Vishay Siliconix VLMW320 Datasheet HTML 8Page - Vishay Siliconix VLMW320 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number 81213
Rev. 1.2, 30-Jul-08
www.vishay.com
3
Vishay Semiconductors
VLMW320.
For technical support, please contact: LED@vishay.com
Note:
Chromaticity coordinate groups are tested at a current pulse direction of 25 ms and a tolerance of ± 0.01.
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
CHROMATICITY COORDINATED GROUPS FOR WHITE SMD LED
X
Y
X
Y
5L
0.291
0.268
7L
0.330
0.330
0.285
0.279
0.330
0.347
0.307
0.312
0.347
0.371
0.310
0.297
0.345
0.352
5K
0.296
0.259
7K
0.330
0.310
0.291
0.268
0.330
0.330
0.310
0.297
0.338
0.342
0.313
0.284
0.352
0.344
6L
0.310
0.297
8L
0.345
0.352
0.307
0.312
0.347
0.371
0.330
0.347
0.367
0.401
0.330
0.330
0.364
0.380
6K
0.313
0.284
8K
0.352
0.344
0.310
0.297
0.338
0.342
0.330
0.330
0.364
0.380
0.330
0.310
0.360
0.357
Figure 1. Forward Current vs. Ambient Temperature
0
5
10
15
20
25
30
35
40
0
1020 3040 5060 70 80 90 100
Tamb - Ambient Temperature (°C)
19034_1
Figure 2. Relative Luminous Intensity vs. Forward Current
0.01
0.1
1
10
1
10
100
IF - Forward Current (mA)
16194



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com