Electronic Components Datasheet Search
  English  ▼

X  

VLMW320 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VLMW320
Description  Available in 8 mm tape
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMW320 Datasheet(HTML) 4 Page - Vishay Siliconix

  VLMW320 Datasheet HTML 1Page - Vishay Siliconix VLMW320 Datasheet HTML 2Page - Vishay Siliconix VLMW320 Datasheet HTML 3Page - Vishay Siliconix VLMW320 Datasheet HTML 4Page - Vishay Siliconix VLMW320 Datasheet HTML 5Page - Vishay Siliconix VLMW320 Datasheet HTML 6Page - Vishay Siliconix VLMW320 Datasheet HTML 7Page - Vishay Siliconix VLMW320 Datasheet HTML 8Page - Vishay Siliconix VLMW320 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.vishay.com
4
Document Number 81213
Rev. 1.2, 30-Jul-08
Vishay Semiconductors
VLMW320.
For technical support, please contact: LED@vishay.com
Figure 3. Forward Current vs. Forward Voltage
Figure 4. Relative Intensity vs. Wavelength
Figure 5. Relative Luminous Intensity vs. Ambient Temperature
1
10
100
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VF - Forward Voltage (V)
19035
0
10
20
30
40
50
60
70
80
90
100
400 450 500 550 600 650 700 750 800
λ - Wavelength (nm)
16196
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
16197
Tamb - Ambient Temperature (°C)
0 1020
30 40506070 80 90 100
Figure 6. Chromaticity Coordinate Shift vs. Forward Current
Figure 7. Forward Voltage vs. Ambient Temperature
Figure 8. Relative Luminous Intensity vs. Angular Displacement
0.315
0.320
0.325
0.330
0.335
0.340
0.345
16198
X
Y
I
F - Forward Current (mA)
060
50
40
30
20
10
white
3.45
3.50
3.55
3.60
3.65
3.70
3.75
3.80
3.85
3.90
3.95
16199
Tamb -Ambient Temperature (°C)
0
1020
30 40506070 80 90 100
0.4
0.2
0
95 10319
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com