Electronic Components Datasheet Search
  English  ▼

X  

RCOB Datasheet(PDF) 3 Page - Recom International Power

Part # RCOB
Description  Low Cost 230VAC LED Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RCOB Datasheet(HTML) 3 Page - Recom International Power

  RCOB Datasheet HTML 1Page - Recom International Power RCOB Datasheet HTML 2Page - Recom International Power RCOB Datasheet HTML 3Page - Recom International Power RCOB Datasheet HTML 4Page - Recom International Power RCOB Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DC/DC Converter
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
max. Case Temperature Range
all Types
RCOB-350 to -500
RCOB-550 to -700
RCOB-800 to -1050
-20°C to +50°C, Ambient
80°C max.
85°C max.
90°C max.
Operating Humidity
RCOB-800 to -1050
RCOB-350 to -700
45% to 85% RH
5% to 85% RH, non condensing
MTBF
at Tc= 80°C
50 x 103 hours
L-3
REV.: 2/2016
www.recom-power.com
RCOB
Series
Derating Graph
-20
60
50
40
30
20
10
0
-10
0
20
40
60
80
100
Ambient Temperature [°C]
Specifications (measured @ ta= 25°C, 230VAC and rated load)
SAFETY AND CERTIFICATIONS
Certificate Type
Standard
CE General Safety
Compliant
EN-61347-1
CE Safety of AC supplied Control Gear for LED Modules
Compliant
EN-61347-2-13
RoHS
Compliant
RoHS 6/6
Certificate Type (Environmental)
Standard / Criterion
Electric Lighting, EMC Immunity
Compliant
EN-61547
Electric Lighting, EMC Emissions
Compliant
EN55015, Class B
Limits for Harmonic Emissions
EMC Compatability: Flicker and Voltage Variations
Compliant
EN-61000-3-2
EN-61000-3-3
IP Rating
IP20
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Case Material
Integrated cable clamps, Plastic
Package Dimension (LxWxH)
RCOB-350 to 700
RCOB-800 to -1050
106 x 67 x 22mm
121.7 x 78 x 22mm
Package Weight
RCOB-350 to 700
RCOB-800 to -1050
108g
165g
continued on next page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com