Electronic Components Datasheet Search
  English  ▼

X  

RCOB Datasheet(PDF) 5 Page - Recom International Power

Part # RCOB
Description  Low Cost 230VAC LED Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RCOB Datasheet(HTML) 5 Page - Recom International Power

  RCOB Datasheet HTML 1Page - Recom International Power RCOB Datasheet HTML 2Page - Recom International Power RCOB Datasheet HTML 3Page - Recom International Power RCOB Datasheet HTML 4Page - Recom International Power RCOB Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
INSTALLATION and APPLICATION INSTRUCTION
AC/DC Converter
L-5
REV.: 2/2016
www.recom-power.com
RCOB
Series
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
-
+
-
+
L
N
FG
220-
240V~
wire preparation
7-8mm
Wiring Diagram
Specifications (measured @ ta= 25°C, 230VAC and rated load)
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
Cardboard Box
180 x 140 x 220mm
Packaging Quantity
10pcs
Storage Temperature Range
-30° to +80°C, Ambient
Storage Humidity
30% - 95% RH
Screw Terminal Connection
Function
Type
Diameter
AC N
Screw Terminal
0.75mm² - 1.5mm²
AC L
Screw Terminal
0.75mm² - 1.5mm²
FG
Screw Terminal
0.75mm² - 1.5mm²
LED+
Screw Terminal
0.75mm² - 1.5mm²
LED-
Screw Terminal
0.75mm² - 1.5mm²
FC:
fixing center
tc:
case temperature measuring point
Tolerance: xx.x= ±0.5mm
xx.xx=±0.35mm
Three LED‘s in parallel (1,2)
Standard Connection
#1 LED
#2 LED
#3 LED
LED+
LED-
L N FG
LED+
LED-
L N FG
Notes:
Note1:
System was tested with 3 Osram Duros S10.
Note2:
LED’s has to be placed on the same heatsink.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com