Electronic Components Datasheet Search
  English  ▼

X  

RCOB Datasheet(PDF) 4 Page - Recom International Power

Part # RCOB
Description  Low Cost 230VAC LED Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RCOB Datasheet(HTML) 4 Page - Recom International Power

  RCOB Datasheet HTML 1Page - Recom International Power RCOB Datasheet HTML 2Page - Recom International Power RCOB Datasheet HTML 3Page - Recom International Power RCOB Datasheet HTML 4Page - Recom International Power RCOB Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DC/DC Converter
continued on next page
L-4
REV.: 2/2016
www.recom-power.com
RCOB
Series
FC 96.0
15.5
106.0
Dimensions Drawing (mm)
RCOB-350
RCOB-400
RCOB-450
RCOB-500
RCOB-550
RCOB-600
RCOB-650
RCOB-700
2 Mounting screws are included
FC 110.0
121.7
19.5
tc
RCOB-800
RCOB-900
RCOB-1050
Specifications (measured @ ta= 25°C, 230VAC and rated load)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com