Electronic Components Datasheet Search
  English  ▼

X  

AD7779ACPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD7779ACPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779ACPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7779ACPZ Datasheet HTML 6Page - Analog Devices AD7779ACPZ Datasheet HTML 7Page - Analog Devices AD7779ACPZ Datasheet HTML 8Page - Analog Devices AD7779ACPZ Datasheet HTML 9Page - Analog Devices AD7779ACPZ Datasheet HTML 10Page - Analog Devices AD7779ACPZ Datasheet HTML 11Page - Analog Devices AD7779ACPZ Datasheet HTML 12Page - Analog Devices AD7779ACPZ Datasheet HTML 13Page - Analog Devices AD7779ACPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 101 page
background image
Data Sheet
AD7779
Rev. A | Page 9 of 100
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLIES
All Σ-Δ channels enabled
AVDD1x – AVSSx
3.0
3.6
V
IAVDD1x4, 5
Reference buffer pre-Q, VCM
enabled, internal reference enabled
High resolution mode
17
22.7
mA
Low power mode
4.5
6.1
mA
Reference buffer enabled, VCM
enabled, internal reference enabled
High resolution mode
19
25.5
mA
Low power mode
5
6.8
mA
Reference buffer disabled, VCM
disabled, internal reference disabled
High resolution mode
13
17.8
mA
Low power mode
3.5
4.8
mA
AVDD2x – AVSSx
2.2
3.6
V
IAVDD2x
High resolution mode
9
9.45
mA
Low power mode
3.5
3.7
mA
AVDD4 – AVSSx
AVDD1x – 0.3
AVDD1x
V
IAVDD4
SAR enabled
1.7
2
mA
SAR disabled
1
10
µA
AVSSx − DGND
−1.8
0
V
IOVDD − DGND
1.8
3.6
V
IIOVDD
High resolution mode
8
10.7
mA
Low power mode
3
4.4
mA
Power Dissipation6
Internal buffers bypassed, internal
reference disabled, internal
oscillator disabled, SAR disabled
High Resolution Mode
16 kSPS
86
133
mW
Low Power Mode
4 kSPS
27
44
mW
Power-Down
All ADCs disabled
530
µW
1
AVSSx is used to refer to the following pins: AVSS1A, AVSS1B, AVSS2B, and AVSS2A. This term is used throughout the data sheet.
2
At temperatures higher than 105°C, the device can be operated normally, though slight degradation on the maximum/minimum specifications is expected because
these specifications are only guaranteed up to 105°C. See the Typical Performance Characteristics section for plots showing the typical performance of the device at
high temperatures.
3
The SDO pin and the DOUTx pin are configured in the default mode of strength.
4
AVDD1x = 3.3 V, AVSSx = GND = ground, IOVDD = 1.8 V, CMOS clock.
5
Disabling either the VCM pin or the internal reference results in a 40 µA typical current consumption reduction.
6
Power dissipation is calculated using the maximum supply voltage, 3.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com