Electronic Components Datasheet Search
  English  ▼

X  

AD7779ACPZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD7779ACPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779ACPZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7779ACPZ Datasheet HTML 19Page - Analog Devices AD7779ACPZ Datasheet HTML 20Page - Analog Devices AD7779ACPZ Datasheet HTML 21Page - Analog Devices AD7779ACPZ Datasheet HTML 22Page - Analog Devices AD7779ACPZ Datasheet HTML 23Page - Analog Devices AD7779ACPZ Datasheet HTML 24Page - Analog Devices AD7779ACPZ Datasheet HTML 25Page - Analog Devices AD7779ACPZ Datasheet HTML 26Page - Analog Devices AD7779ACPZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 101 page
background image
AD7779
Data Sheet
Rev. A | Page 22 of 100
–140
–135
–130
–125
–120
–115
–110
–105
–100
INPUT VOLTAGE (V)
INPUT FREQUENCY = 50Hz
VREF = 2.5V
TEMPERATURE = 25°C
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
Figure 32. THD vs. Input Voltage at 2 kSPS, High Resolution Mode
(Input Frequency = 50 Hz)
–125
–120
–115
–110
–105
–100
–95
–90
REFERENCE VOLTAGE (V)
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
INPUT FREQUENCY = 50Hz
TEMPERATURE = 25°C
INPUT VOLTAGE = ±VREF
Figure 33. THD vs. Reference Voltage at 8 kSPS, High Resolution Mode
(Input Frequency = 50 Hz)
–120
-118
–116
–114
–112
–110
–108
–106
–104
–102
–100
MCLK FREQUENCY (Hz)
VREF = 2.5V
INPUT VOLTAGE = –0.5dBFS
INPUT FREQUENCY = 50Hz
TEMPERATURE = 25°C
DECIMATION = 256
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
Figure 34. THD vs. MCLK Frequency, High Resolution Mode,
Input Frequency (fIN) = 50 Hz, Decimation = 256
–140
–135
–130
–125
–120
–115
–110
–105
–100
INPUT VOLTAGE (V)
INPUT FREQUENCY = 50Hz
VREF = 2.5V
TEMPERATURE = 25°C
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
Figure 35. THD vs. Input Voltage at 500 SPS, Low Power Mode
(Input Frequency = 50 Hz)
–125
–120
–115
–110
–105
–100
–95
–90
REFERENCE VOLTAGE (V)
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
INPUT FREQUENCY = 50Hz
TEMPERATURE = 25°C
INPUT VOLTAGE = 5V p-p
Figure 36. THD vs. Reference Voltage at 2 kSPS, Low Power Mode
(Input Frequency = 50 Hz)
–120
–118
–116
–114
–112
–110
–108
–106
–104
–102
–100
FREQUENCY (Hz)
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
DECIMATION = 256
INPUT FREQUENCY = 50Hz
VREF = 2.5V
INPUT VOLTAGE = 5V p-p
TEMPERATURE = 25°C
Figure 37. THD vs. MCLK Frequency, Low Power Mode,
Input Frequency (fIN) = 50 Hz, Decimation = 256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com