Electronic Components Datasheet Search
  English  ▼

X  

RB491D Datasheet(PDF) 2 Page - Rohm

Part # RB491D
Description  Shottky barrier diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB491D Datasheet(HTML) 2 Page - Rohm

  RB491D Datasheet HTML 1Page - Rohm RB491D Datasheet HTML 2Page - Rohm RB491D Datasheet HTML 3Page - Rohm RB491D Datasheet HTML 4Page - Rohm RB491D Datasheet HTML 5Page - Rohm RB491D Datasheet HTML 6Page - Rohm RB491D Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB491D
1
10
100
1000
0
5
10
15
20
25
30
0.1
1
10
100
1000
10000
100000
0
5
10
15
20
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
0
5
10
15
20
AVE:9.3ns
Ta=25℃
IF=0.5A
IR=1A
Irr=0.25*IR
n=10pcs
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
IFSM DISRESION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
TIME:t(s)
Rth-t CHARACTERISTICS
AVERAGE RECTIFIED
FORWARD CURRENT:Io(A)
Io-Pf CHARACTERISTICS
trr DISPERSION MAP
f=1MHz
380
390
400
410
420
Ta=25℃
IF=1A
n=30pcs
AVE:399.2m
0
50
100
150
200
250
300
350
400
450
500
Ta=25℃
VR=20V
n=30pcs
AVE:37.93uA
100
110
120
130
140
150
160
170
180
190
200
AVE:159.8pF
Ta=25℃
f=1MHz
VR=0V
n=10pcs
0
10
20
30
AVE:11.1A
8.3ms
Ifsm
1cyc
0
5
10
15
20
1
10
100
8.3ms
Ifsm
1cyc
8.3ms
0
5
10
15
20
1
10
100
t
Ifsm
1
10
100
1000
0.001
0.1
10
1000
Rth(j-a)
Rth(j-c)
1ms
IM=1mA
IF=10mA
300us
time
0
0.5
1
0
0.5
1
1.5
2
Per chip
DC
D=1/2
Sin(θ=180)
0.001
0.01
0.1
1
0
100
200
300
400
500
600
Ta=-25℃
Ta=125℃
Ta=75℃
Ta=25℃
Mounted on epoxy board
2/3
2011.03 - Rev.D



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com